Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM861253 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPSM861253
Description  TPSM861253 3.8V to 17V Input, 1A, Synchronous Buck Module in QFN Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM861253 Datasheet(HTML) 5 Page - Texas Instruments

  TPSM861253_V01 Datasheet HTML 1Page - Texas Instruments TPSM861253_V01 Datasheet HTML 2Page - Texas Instruments TPSM861253_V01 Datasheet HTML 3Page - Texas Instruments TPSM861253_V01 Datasheet HTML 4Page - Texas Instruments TPSM861253_V01 Datasheet HTML 5Page - Texas Instruments TPSM861253_V01 Datasheet HTML 6Page - Texas Instruments TPSM861253_V01 Datasheet HTML 7Page - Texas Instruments TPSM861253_V01 Datasheet HTML 8Page - Texas Instruments TPSM861253_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
TPSM861253
UNIT
RDX
7 PINS
RθJA
Junction-to-ambient thermal resistance
61.3
°C/W
RθJA_effective
Junction-to-ambient thermal resistance on EVM board
40(2)
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
60.8
°C/W
RθJB
Junction-to-board thermal resistance
20.0
°C/W
ΨJT
Junction-to-top characterization parameter
7.5
°C/W
ΨJB
Junction-to-board characterization parameter
19.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
This RθJA_effective is tested on TPSM861253EVM board (4 layer board, copper thickness of top and bottom layer are 2oz, and
copper thickness of internal GND is 1oz) at Vin = 12V, Vout = 5V, Iout = 1A , TA = 25oC.
6.5 Electrical Characteristics
Over operating TJ = –40oC – 125oC, VVIN = 12V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY VOLTAGE
VIN
Input voltage range
VIN
3.8
17
V
IVIN
VIN supply current
No load, VEN = 5V, non-switching, FCCM
version
370
µA
IINSDN
VIN shutdown current
No load, VEN = 0V
2
µA
UVLO
UVLO
VIN undervoltage lockout
Wake up VIN voltage
2.8
2.9
3.0
V
UVLO
VIN undervoltage lockout
Shut down VIN voltage
2.6
2.7
2.8
V
UVLO
VIN undervoltage lockout
Hysteresis VIN voltage
200
mV
FEEDBACK VOLTAGE
VOUT
TPSM861253 output voltage
TJ = 0°C to 65°C
3.27
3.3
3.33
V
VOUT
TPSM861253 output voltage
TJ = –40°C to 125°C
3.25
3.3
3.35
V
MOSFET
RDS
(ON)HI
High-side MOSFET Rds(on)
TJ = 25°C, VVIN ≥ 5V
55
mΩ
TJ = 25°C, VVIN = 3V (1)
68
mΩ
RDS
(ON)LO
Low-side MOSFET Rds(on)
TJ = 25°C,VVIN ≥ 5V
24
mΩ
TJ = 25°C, VVIN = 3V
30
mΩ
DUTY CYCLE and FREQUENCY CONTROL
FSW
Switching frequency
TJ = 25°C, VVOUT = 3.3V
1.4
MHz
TOFF(MIN)
(1)
Minimum off-time
VFB = 0.5V
110
ns
TON(MIN) Minimum on-time
60
ns
CURRENT LIMIT
IOCL_LS
Over current threshold
Valley current set point
1.5
2.3
2.9
A
INOCL
Negative over current threshold
Valley current set point
1.5
2.0
2.5
A
LOGIC THRESHOLD
VEN(ON)
EN threshold high-level
1.15
1.20
1.25
V
VEN(OFF) EN threshold low-level
0.90
1.00
1.10
V
VENHYS
EN hystersis
200
mV
www.ti.com
TPSM861253
SLUSFD2A – SEPTEMBER 2023 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPSM861253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com