Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM861253 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPSM861253
Description  TPSM861253 3.8V to 17V Input, 1A, Synchronous Buck Module in QFN Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM861253 Datasheet(HTML) 3 Page - Texas Instruments

  TPSM861253_V01 Datasheet HTML 1Page - Texas Instruments TPSM861253_V01 Datasheet HTML 2Page - Texas Instruments TPSM861253_V01 Datasheet HTML 3Page - Texas Instruments TPSM861253_V01 Datasheet HTML 4Page - Texas Instruments TPSM861253_V01 Datasheet HTML 5Page - Texas Instruments TPSM861253_V01 Datasheet HTML 6Page - Texas Instruments TPSM861253_V01 Datasheet HTML 7Page - Texas Instruments TPSM861253_V01 Datasheet HTML 8Page - Texas Instruments TPSM861253_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
4 Family Devices
PART NUMBER
CURRENT (A)
OUTPUT VOLTAGE (V)
MODE
TPSM861253
0 to 1
3.3
FCCM
TPSM863252
0 to 3
0.6 to 10
ECO
TPSM863253
0 to 3
3.3
FCCM
TPSM863257
0 to 3
0.6 to 6
FCCM
5 Pin Configuration and Functions
VIN
SW
PGND
VOUT
EN
VOS
1
2
3
4
5
6
7
PG
Figure 5-1. TPSM861253 RDX Package, 7-Pin QFN-FCMOD (Top View)
Table 5-1. Pin Functions
Pin
Type(1)
Description
Name
NO.
VIN
1
P
Input voltage supply pin. Connect the input decoupling capacitors between VIN and GND.
SW
2
NC
Switch pin of the power stage. Do not connect, leave floating.
VOUT
3
P
Output connection. Connect recommended output capacitance from VOUT to PGND.
PGND
4
G
Power ground connection
PG
5
A
Power-good open drain output. PG pin can be floating.
EN
6
A
Enable pin of buck converter. Drive EN high to turn on the converter; drive EN low to turn off
the converter. Internal pulldown to GND by a resistance.
VOS
7
A
Converter feedback input for TPSM861253. Connect to output voltage directly.
(1)
A = Analog, P = Power, G = Ground
www.ti.com
TPSM861253
SLUSFD2A – SEPTEMBER 2023 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPSM861253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com