Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM861253 Datasheet(PDF) 14 Page - Texas Instruments

Part # TPSM861253
Description  TPSM861253 3.8V to 17V Input, 1A, Synchronous Buck Module in QFN Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM861253 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPSM861253_V01 Datasheet HTML 10Page - Texas Instruments TPSM861253_V01 Datasheet HTML 11Page - Texas Instruments TPSM861253_V01 Datasheet HTML 12Page - Texas Instruments TPSM861253_V01 Datasheet HTML 13Page - Texas Instruments TPSM861253_V01 Datasheet HTML 14Page - Texas Instruments TPSM861253_V01 Datasheet HTML 15Page - Texas Instruments TPSM861253_V01 Datasheet HTML 16Page - Texas Instruments TPSM861253_V01 Datasheet HTML 17Page - Texas Instruments TPSM861253_V01 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
8.2.3 Application Curves
The following data is tested With VIN = 12V, VOUT = 3.3V, TA = 25°C, unless otherwise specified.
Iout (A)
0
0.2
0.4
0.6
0.8
1
-1%
-0.8%
-0.6%
-0.4%
-0.2%
0
0.2%
0.4%
0.6%
0.8%
1%
Vin = 5 V
Vin = 12 V
Vin = 17 V
Figure 8-2. TPSM861253 Load Regulation vs
Loading
Vin (V)
4
6
8
10
12
14
16
18
-1%
-0.8%
-0.6%
-0.4%
-0.2%
0
0.2%
0.4%
0.6%
0.8%
1%
Figure 8-3. TPSM861253 Line Regulation vs VIN at
1A Loading
Vout = 20mV/div
2us/div
Figure 8-4. TPSM861253 Output Voltage Ripple at
1A Loading
Vout = 20mV/div
400us/div
Iout = 1A/div
Figure 8-5. TPSM861253 Transient Response With
0A to 1A
Vout = 2V/div
4ms/div
EN = 1/div
VIN = 5/div
Figure 8-6. Start-Up With VIN Rising, IOUT = 1A
Vout = 2V/div
4ms/div
EN = 1/div
VIN = 5/div
Figure 8-7. Shutdown With VIN Falling, IOUT = 1A
TPSM861253
SLUSFD2A – SEPTEMBER 2023 – REVISED JANUARY 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPSM861253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com