Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM861253 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPSM861253
Description  TPSM861253 3.8V to 17V Input, 1A, Synchronous Buck Module in QFN Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM861253 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPSM861253_V01 Datasheet HTML 2Page - Texas Instruments TPSM861253_V01 Datasheet HTML 3Page - Texas Instruments TPSM861253_V01 Datasheet HTML 4Page - Texas Instruments TPSM861253_V01 Datasheet HTML 5Page - Texas Instruments TPSM861253_V01 Datasheet HTML 6Page - Texas Instruments TPSM861253_V01 Datasheet HTML 7Page - Texas Instruments TPSM861253_V01 Datasheet HTML 8Page - Texas Instruments TPSM861253_V01 Datasheet HTML 9Page - Texas Instruments TPSM861253_V01 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6.5 Electrical Characteristics (continued)
Over operating TJ = –40oC – 125oC, VVIN = 12V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REN1
EN pulldown resister
2
MΩ
OUTPUT DISCHARGE and SOFT START
tSS
Internal soft-start time
1.6
ms
OUTPUT UNDERVOLTAGE AND OVERVOLTAGE PROTECTION
VOVP
OVP trip threshold
110
115
120
%
tOVPDLY
OVP prop deglitch
24
us
VUVP
UVP trip threshold
55
60
65
%
tUVPDLY
UVP prop deglitch
220
us
tUVPEN
Output hiccup enable delay relative to
SS time
UVP detect
14
ms
PGOOD
TPGDLY PG start-up delay
PG from low to high
1
ms
TPGDLY PG start-up delay
PG from high to low
28
us
VPGTH
PG threshold
VFB falling (fault)
80
85
90
%
VPGTH
PG threshold
VFB rising (good)
85
90
95
%
VPGTH
PG threshold
VFB rising (fault)
110
115
120
%
VPGTH
PG threshold
VFB falling (good)
105
110
115
%
VPG_L
PG sink current capability
IOL = 4mA
0.4
V
IPGLK
PG leak current
VPgood = 5.5V
1
uA
THERMAL PROTECTION
TOTP (1)
OTP trip threshold
155
°C
TOTPHSY
(1)
OTP hysteresis
20
°C
(1)
Specified by design
TPSM861253
SLUSFD2A – SEPTEMBER 2023 – REVISED JANUARY 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPSM861253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com