Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM861253 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPSM861253
Description  TPSM861253 3.8V to 17V Input, 1A, Synchronous Buck Module in QFN Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM861253 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPSM861253_V01 Datasheet HTML 3Page - Texas Instruments TPSM861253_V01 Datasheet HTML 4Page - Texas Instruments TPSM861253_V01 Datasheet HTML 5Page - Texas Instruments TPSM861253_V01 Datasheet HTML 6Page - Texas Instruments TPSM861253_V01 Datasheet HTML 7Page - Texas Instruments TPSM861253_V01 Datasheet HTML 8Page - Texas Instruments TPSM861253_V01 Datasheet HTML 9Page - Texas Instruments TPSM861253_V01 Datasheet HTML 10Page - Texas Instruments TPSM861253_V01 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
6.6 Typical Characteristics
TJ = –40°C to 125°C, VIN = 12V (unless otherwise noted)
Junction Temperature (oC)
-40
-20
0
20
40
60
80
100
120
140
240
280
320
360
400
440
480
Figure 6-1. TPSM861253 Quiescent Current
Junction Temperature (oC)
-40
-20
0
20
40
60
80
100
120
140
1.16
1.17
1.18
1.19
1.2
1.21
1.22
Figure 6-2. Enable On Threshold Voltage
Junction Temperature (oC)
-40
-20
0
20
40
60
80
100
120
140
0.93
0.96
0.99
1.02
1.05
1.08
1.11
Figure 6-3. Enable Off Threshold Voltage
Junction Temperature (
C)
-40
-20
0
20
40
60
80
100
120
140
18
20
22
24
26
28
30
32
34
Figure 6-4. Low-Side RDS(ON)
Junction Temperature (
C)
-40
-20
0
20
40
60
80
100
120
140
40
45
50
55
60
65
70
75
80
Figure 6-5. High-Side RDS(ON)
Junction Temperature (oC)
-40
-20
0
20
40
60
80
100
120
140
3.29
3.295
3.3
3.305
3.31
Figure 6-6. Output Voltage
www.ti.com
TPSM861253
SLUSFD2A – SEPTEMBER 2023 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPSM861253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com