Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM861253 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPSM861253
Description  TPSM861253 3.8V to 17V Input, 1A, Synchronous Buck Module in QFN Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM861253 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPSM861253_V01 Datasheet HTML 16Page - Texas Instruments TPSM861253_V01 Datasheet HTML 17Page - Texas Instruments TPSM861253_V01 Datasheet HTML 18Page - Texas Instruments TPSM861253_V01 Datasheet HTML 19Page - Texas Instruments TPSM861253_V01 Datasheet HTML 20Page - Texas Instruments TPSM861253_V01 Datasheet HTML 21Page - Texas Instruments TPSM861253_V01 Datasheet HTML 22Page - Texas Instruments TPSM861253_V01 Datasheet HTML 23Page - Texas Instruments TPSM861253_V01 Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
www.ti.com
PACKAGE OUTLINE
3.3
4
2.1
1.9
0.05
0.00
2X
2.25
2.15
2X
1.125
1.025
2X
1.3
1.1
2X
1.445
1.245
2X 0.5
2X (
)
1.415
.000 PKG
0
2X (
)
0.915
2X 0.675
2X (
)
0.415
2X (
)
0.085
2X ( )
1
2X 1.3125
2X (
)
1.5
3X
0.27
0.17
3X
0.5
0.3
(0.13)
3X
0.47
0.37
2X
0.625
0.525
(0.2) TYP
16X (0.2)
2X (0.24)
12X (0.25)
15X (0.18)
QFN-FCMOD - 2.1 mm max height
RDX0007A
PLASTIC QUAD FLATPACK - NO LEAD
4229109/A 10/2022
0.08 C
0.1
C A B
0.05
C
0.1
C A B
0.05
C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
PIN 1 INDEX AREA
SEATING PLANE
0.1
C A B
0.05
C
PIN 1 ID
(45 X 0.15)
1
2
3
4
5
7
2X (45 X 0.377)
SCALE 2.500
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com