Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM861253 Datasheet(PDF) 15 Page - Texas Instruments

Part # TPSM861253
Description  TPSM861253 3.8V to 17V Input, 1A, Synchronous Buck Module in QFN Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM861253 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPSM861253_V01 Datasheet HTML 11Page - Texas Instruments TPSM861253_V01 Datasheet HTML 12Page - Texas Instruments TPSM861253_V01 Datasheet HTML 13Page - Texas Instruments TPSM861253_V01 Datasheet HTML 14Page - Texas Instruments TPSM861253_V01 Datasheet HTML 15Page - Texas Instruments TPSM861253_V01 Datasheet HTML 16Page - Texas Instruments TPSM861253_V01 Datasheet HTML 17Page - Texas Instruments TPSM861253_V01 Datasheet HTML 18Page - Texas Instruments TPSM861253_V01 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Vout = 2V/div
4ms/div
EN = 1/div
VIN = 5/div
Figure 8-8. Start-Up Through EN, IOUT = 1A
Vout = 2V/div
4ms/div
EN = 1/div
VIN = 5/div
Figure 8-9. Shutdown Through EN, IOUT = 1A
Vout = 2V/div
10ms/div
VIN = 5/div
Figure 8-10. Normal Operation to Output Hard
Short
Vout = 2V/div
10ms/div
VIN = 5/div
Figure 8-11. Output Hard Short Hiccup
8.3 Power Supply Recommendations
The TPSM861253 is designed to operate from input supply voltages in the range of 3.8V to 17V. Buck
converters require the input voltage to be higher than the output voltage for proper operation.
www.ti.com
TPSM861253
SLUSFD2A – SEPTEMBER 2023 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TPSM861253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com