Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM861253 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPSM861253
Description  TPSM861253 3.8V to 17V Input, 1A, Synchronous Buck Module in QFN Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM861253 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPSM861253_V01 Datasheet HTML 6Page - Texas Instruments TPSM861253_V01 Datasheet HTML 7Page - Texas Instruments TPSM861253_V01 Datasheet HTML 8Page - Texas Instruments TPSM861253_V01 Datasheet HTML 9Page - Texas Instruments TPSM861253_V01 Datasheet HTML 10Page - Texas Instruments TPSM861253_V01 Datasheet HTML 11Page - Texas Instruments TPSM861253_V01 Datasheet HTML 12Page - Texas Instruments TPSM861253_V01 Datasheet HTML 13Page - Texas Instruments TPSM861253_V01 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
7.3 Feature Description
7.3.1 PWM Operation and D-CAP3™ Control Mode
The main control loop of the buck is an adaptive on-time pulse width modulation (PWM) controller that supports
a proprietary D-CAP3 control mode. The D-CAP3 control mode combines adaptive on-time control with an
internal compensation circuit for pseudo-fixed frequency and low external component count configuration with
both low-ESR and ceramic output capacitors. The device is stable even with virtually no ripple at the output. The
TPSM861253 also includes an error amplifier that makes the output voltage very accurate.
At the beginning of each cycle, the high-side MOSFET is turned on. This MOSFET is turned off after an
internal one-shot timer expires. This one-shot duration is set proportional to the output voltage, VOUT, and is
inversely proportional to the converter input voltage, VIN, to maintain a pseudo-fixed frequency over the input
voltage range, hence, called adaptive on-time control. The one-shot timer is reset and the high-side MOSFET
is turned on again when the feedback voltage falls below the reference voltage. An internal ripple generation
circuit is added to reference voltage to emulate the output ripple, enabling the use of very low-ESR output
capacitors such as multi-layered ceramic caps (MLCC). No external current sense network or loop compensation
is required for D-CAP3 control mode.
7.3.2 Soft Start and Prebiased Soft Start
The TPSM861253 has an internal fixed 1.6ms soft-start time. The EN default status is low. When the EN pin
becomes high, the internal soft-start function begins ramping up the reference voltage to the PWM comparator.
If the output capacitor is prebiased at start-up, the devices initiate switching and start ramping up only after the
internal reference voltage becomes higher than the feedback voltage, VFB. This scheme makes sure that the
converter ramps up smoothly into the regulation point.
7.3.3 Overvoltage Protection
The TPSM861253 has the overvoltage protection feature. When the output voltage becomes higher than the
OVP threshold, the OVP is triggered with a 24μs deglitch time. Both the high-side MOSFET and the low-side
MOSFET drivers are turned off. When the overvoltage condition is removed, the device returns to switching.
7.3.4 Large Duty Operation
The TPSM861253 can support large duty operations up to 95% by smoothly dropping down the switching
frequency. When VIN / VOUT < 1.6 and VFB is lower than internal VREF, the switching frequency is allowed
to smoothly drop to make tON extended to implement the large duty operation and keep output voltage. The
minimum switching frequency is limited to approximately 600kHz.
7.3.5 Current Protection and Undervoltage Protection
The output overcurrent limit (OCL) is implemented using a cycle-by-cycle valley detect control circuit. The switch
current is monitored during the off state by measuring the low-side FET drain-to-source voltage. This voltage is
proportional to the switch current. To improve accuracy, the voltage sensing is temperature compensated.
During the on time of the high-side FET switch, the switch current increases at a linear rate determined by the
following:
• VIN
• VOUT
• On time
• Output inductor value
During the on time of the low-side FET switch, this current decreases linearly. The average value of the switch
current is the load current, IOUT. If the monitored valley current is above the OCL level, the converter maintains a
low-side FET on and delays the creation of a new set pulse, even the voltage feedback loop requires one, until
the current level becomes OCL level or lower. In subsequent switching cycles, the on time is set to a fixed value
and the current is monitored in the same manner.
TPSM861253
SLUSFD2A – SEPTEMBER 2023 – REVISED JANUARY 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPSM861253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com