Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM861253 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPSM861253
Description  TPSM861253 3.8V to 17V Input, 1A, Synchronous Buck Module in QFN Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM861253 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPSM861253_V01 Datasheet HTML 9Page - Texas Instruments TPSM861253_V01 Datasheet HTML 10Page - Texas Instruments TPSM861253_V01 Datasheet HTML 11Page - Texas Instruments TPSM861253_V01 Datasheet HTML 12Page - Texas Instruments TPSM861253_V01 Datasheet HTML 13Page - Texas Instruments TPSM861253_V01 Datasheet HTML 14Page - Texas Instruments TPSM861253_V01 Datasheet HTML 15Page - Texas Instruments TPSM861253_V01 Datasheet HTML 16Page - Texas Instruments TPSM861253_V01 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
8.2.2 Detailed Design Procedure
8.2.2.1 Custom Design with WEBENCH® Tools
Click here to create a custom design using the TPSM861253 device with the WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
The WEBENCH Power Designer provides a customized schematic along with a list of materials with real-time
pricing and component availability.
In most cases, these actions are available:
• Run electrical simulations to see important waveforms and circuit performance
• Run thermal simulations to understand board thermal performance
• Export customized schematic and layout into popular CAD formats
• Print PDF reports for the design, and share the design with colleagues
Get more information about WEBENCH tools at www.ti.com/WEBENCH.
8.2.2.2 Output Filter Selection
TPSM861253 integrates a 2.2uH inductor and divider resistor. TI suggests to use below output cap to make loop
stable. VOS pin is suggested to connect to output voltage directly.
Table 8-2. Recommended Component Values
Output Voltage (V)
Minimum COUT (μF)
Typical COUT (μF)
Maximum COUT (μF)
3.3
22
22
100
The capacitor value and ESR determines the amount of output voltage ripple. The TPSM861253 are intended for
use with ceramic or other low-ESR capacitors. Use Equation 1 to determine the required RMS current rating for
the output capacitor.
ILORMS = IO2+ 112×IIP−P2
(1)
For this design, one MuRata GRM21BR61A226ME44L 22µF output capacitor is used. The typical ESR is 2mΩ
each.
8.2.2.3 Input Capacitor Selection
The TPSM861253 requires an input decoupling capacitor and a bulk capacitor is needed depending on the
application. TI recommends a ceramic capacitor over 10µF for the decoupling capacitor. TI recommends an
additional 0.1µF capacitor from the VIN pin to ground to provide high frequency filtering. The capacitor voltage
rating must be greater than the maximum input voltage.
8.2.2.4 Enable Circuit
The EN pin controls the turn-on and turn-off of the device. When EN pin voltage is above the turn-on threshold,
the device starts switching and when the EN pin voltage falls below the turn-off threshold IC stops switching. The
default status is low. There is a 2MΩ internal pulldown resistor in the EN pin.
EN can be controlled by a typical divider resistor circuit from Vin or by a voltage of lower than 5.5V.
Because there is a 2MΩ internal pulldown resistor in the EN pin, TPSM861253 also supports to only connect
a top resistor from VIN pin to EN pin. EN voltage is got by the divide net of top resistor and 2MΩ. EN voltage
cannot be allowed to be over 6V.
www.ti.com
TPSM861253
SLUSFD2A – SEPTEMBER 2023 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPSM861253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com