Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM861253 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPSM861253
Description  TPSM861253 3.8V to 17V Input, 1A, Synchronous Buck Module in QFN Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM861253 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPSM861253_V01 Datasheet HTML 5Page - Texas Instruments TPSM861253_V01 Datasheet HTML 6Page - Texas Instruments TPSM861253_V01 Datasheet HTML 7Page - Texas Instruments TPSM861253_V01 Datasheet HTML 8Page - Texas Instruments TPSM861253_V01 Datasheet HTML 9Page - Texas Instruments TPSM861253_V01 Datasheet HTML 10Page - Texas Instruments TPSM861253_V01 Datasheet HTML 11Page - Texas Instruments TPSM861253_V01 Datasheet HTML 12Page - Texas Instruments TPSM861253_V01 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
7 Detailed Description
7.1 Overview
The TPSM861253 is a 1A, integrated FETs and inductor, synchronous buck module that operates from 3.8V
to 17V input voltage. TPSM861253 is a fixed 3.3V output voltage device The device employs a D-CAP3
control mode that provides fast transient response with no external compensation components and an accurate
feedback voltage. The proprietary D-CAP3 control mode enables low external component count, ease of design,
and optimization of the power design for cost, size, and efficiency.
The TPSM861253 is able to adapt to both low equivalent series resistance (ESR) output capacitors such as
POSCAP or SP-CAP, and ultra-low ESR ceramic capacitors.
7.2 Functional Block Diagram
SW
XCON
+
+
OT Protection
155°C /20°C
VIN
Internal
VCC
PGND
PWM
UV
+
SS
VREF
FB
Control Logic
On and off time
Minimum on and off time
Light load
OCP/OVP/UVP/NOC/TSD
Soft start
LDO
Internal Compensation
+
+
+
OV
2.9 V / 2.7 V
VREGOK
EN
UV threshold
OV threshold
EN Threshold
Internal SS
+
+
+
+
OCL
NOCL
ZC
+
Clock
VIN
PG
Internal
BST
AGND
VOUT
AGND
www.ti.com
TPSM861253
SLUSFD2A – SEPTEMBER 2023 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPSM861253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com