Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM861253 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPSM861253
Description  TPSM861253 3.8V to 17V Input, 1A, Synchronous Buck Module in QFN Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM861253 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPSM861253_V01 Datasheet HTML 7Page - Texas Instruments TPSM861253_V01 Datasheet HTML 8Page - Texas Instruments TPSM861253_V01 Datasheet HTML 9Page - Texas Instruments TPSM861253_V01 Datasheet HTML 10Page - Texas Instruments TPSM861253_V01 Datasheet HTML 11Page - Texas Instruments TPSM861253_V01 Datasheet HTML 12Page - Texas Instruments TPSM861253_V01 Datasheet HTML 13Page - Texas Instruments TPSM861253_V01 Datasheet HTML 14Page - Texas Instruments TPSM861253_V01 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
There are some important considerations for this type of overcurrent protection. The load current is higher than
the overcurrent threshold by one half of the peak-to-peak inductor ripple current. Also, when the current is
limited, the output voltage tends to fall as the demanded load current can be higher than the current available
from the converter, which can cause the output voltage to fall. When the FB voltage falls below the UVP
threshold voltage, the UVP comparator detects the fall and the device shuts down after the UVP deglitch time
and restarts after the hiccup wait time.
When the overcurrent condition is removed, the output voltage returns to the regulated value.
The TPSM861253 is a FCCM mode part. In this mode, the device has negative inductor current at light loading.
The device has NOC (negative overcurrent) protection to avoid too large negative current. NOC protection
detects the valley of inductor current. When the valley value of inductor current exceeds the NOC threshold, the
IC turns off the low side then turns on the high side. When the NOC condition is removed, the device returns to
normal switching.
7.3.6 Undervoltage Lockout (UVLO) Protection
UVLO protection monitors the internal regulator voltage. When the voltage is lower than UVLO threshold voltage,
the device is shut off. This protection is a non-latch protection.
7.3.7 Thermal Shutdown
The device monitors the temperature of itself. If the temperature exceeds the threshold value, the device is shut
off. This protection is a non-latch protection.
7.4 Device Functional Modes
7.4.1 FCCM Mode Operation
The TPSM861253 operates in forced CCM (FCCM) mode, which keeps the converter operating in continuous
current mode during light load conditions and allows the inductor current to become negative. During FCCM
mode, the switching frequency is maintained at an almost constant level over the entire load range, which is
designed for applications requiring tight control of the switching frequency and output voltage ripple at the cost of
lower efficiency under light load.
www.ti.com
TPSM861253
SLUSFD2A – SEPTEMBER 2023 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TPSM861253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com