Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM861253 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPSM861253
Description  TPSM861253 3.8V to 17V Input, 1A, Synchronous Buck Module in QFN Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM861253 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPSM861253_V01 Datasheet HTML 8Page - Texas Instruments TPSM861253_V01 Datasheet HTML 9Page - Texas Instruments TPSM861253_V01 Datasheet HTML 10Page - Texas Instruments TPSM861253_V01 Datasheet HTML 11Page - Texas Instruments TPSM861253_V01 Datasheet HTML 12Page - Texas Instruments TPSM861253_V01 Datasheet HTML 13Page - Texas Instruments TPSM861253_V01 Datasheet HTML 14Page - Texas Instruments TPSM861253_V01 Datasheet HTML 15Page - Texas Instruments TPSM861253_V01 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The device is a typical buck DC/DC module that is typically used to convert a higher DC voltage to a lower DC
voltage with a maximum available output current of 1A. Use the following design procedure to select component
values for TPSM861253.
8.2 Typical Application
The application schematic in Figure 8-1 is developed to meet the requirements in Table 8-1. This circuit is
available as the evaluation module (EVM). The sections provide the design procedure.
Figure 8-1 shows the 12V input, 3.3V output converter schematic.
Figure 8-1. Schematic
8.2.1 Design Requirements
Table 8-1 shows the design parameters for this application.
Table 8-1. Design Parameters
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VOUT
Output voltage
3.3
V
IOUT
Output current
1
A
ΔVOUT
Transient response
0.1A – 0.9A load step, 2A/μs slew
rate
±3% × VOUT
V
VIN
Input voltage
3.8
12
17
V
VOUT(ripple)
Output voltage ripple
CCM condition
20
mV
TA
Ambient temperature
25
°C
TPSM861253
SLUSFD2A – SEPTEMBER 2023 – REVISED JANUARY 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPSM861253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com