Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM861253 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPSM861253
Description  TPSM861253 3.8V to 17V Input, 1A, Synchronous Buck Module in QFN Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM861253 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPSM861253_V01 Datasheet HTML 12Page - Texas Instruments TPSM861253_V01 Datasheet HTML 13Page - Texas Instruments TPSM861253_V01 Datasheet HTML 14Page - Texas Instruments TPSM861253_V01 Datasheet HTML 15Page - Texas Instruments TPSM861253_V01 Datasheet HTML 16Page - Texas Instruments TPSM861253_V01 Datasheet HTML 17Page - Texas Instruments TPSM861253_V01 Datasheet HTML 18Page - Texas Instruments TPSM861253_V01 Datasheet HTML 19Page - Texas Instruments TPSM861253_V01 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
8.4 Layout
8.4.1 Layout Guidelines
• Make sure the VIN and GND traces are as wide as possible to reduce trace impedance. The wide areas are
also an advantage from the view point of heat dissipation.
• Place the input capacitor and output capacitor as close to the device as possible to minimize trace
impedance.
• Provide sufficient vias for the input capacitor and output capacitor.
• Connect a separate VOUT path to VOS pin.
• Place a voltage feedback loop away from the high-voltage switching trace, and preferably has ground shield.
• Make sure the GND trace between the output capacitor and the GND pin are as wide as possible to minimize
the trace impedance.
8.4.2 Layout Example
EN
VIN
VOUT
GND
COUT
CIN
VIA (connect to another layer)
VIN
EN
VOS
PG
PGND
VOUT
SW
GND
The line in another layer
Figure 8-12. Layout Guide
TPSM861253
SLUSFD2A – SEPTEMBER 2023 – REVISED JANUARY 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPSM861253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com