Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350SAVPBF Datasheet (PDF) - Analog Devices

LT8350SAVPBF Datasheet PDF - Analog Devices
Part # LT8350SAVPBF
Download  LT8350SAVPBF Download
File Size   1730.75 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2

LT8350SAVPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8350SAVPBF Datasheet PDF - Analog Devices

Part # LT8350SAVPBF
Download  LT8350SAVPBF Click to download

File Size   1730.75 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2

LT8350SAVPBF Datasheet (HTML) - Analog Devices


LT8350SAVPBF Product details

GENERAL DESCRIPTION
The LT8350S is a monolithic 4-switch synchronous
buck-boost converter with second-generation Silent
Switcher architecture to minimize electromagnetic
interference (EMI) emissions while delivering high
efficiency at high switching frequency. The switcher
can regulate the output voltage, input or output
current from input voltages above, below, or equal to
the output voltage. The proprietary peak current
mode control scheme allows for the synchronization
and adjustment of 200kHz to 2MHz fixed frequency
operation or spread spectrum frequency modulation
(SSFM) operation. With a 3V to 40V input voltage
range, 1V to 18V output voltage capability, and
seamless low noise transitions between operation
regions, the LT8350S is ideal for voltage regulator,
battery, and super-capacitor charger applications in
automotive, industrial, telecom, and battery-powered
systems.
The LT8350S provide an input or output current
monitor and power good flag. Robust fault protection
is provided to detect output short-circuit conditions,
during which the LT8350S retries, latches off, or keeps
running.

FEATURES
 4-Switch Single Inductor Architecture Allows VIN
Above, Below or Equal to VOUT
 Silent Switcher® 2 Architecture for Low EMI
 Up to 95% Efficiency at 2MHz
 Proprietary Peak Current Mode
 3V to 40V Input Voltage Range
 1V to 18V Output Voltage Range
 ±1.5% Output Voltage Regulation
 Output/Input Current Regulation and Monitor
 Constant-voltage/Constant-current Regulation
 High-Side PMOS Load Switch Driver
 No Top MOSFET Refresh Noise in Buck or Boost
 200kHz to 2MHz Fixed Switching Frequency with
External Frequency Synchronization and SSFM
 VOUT Disconnected from VIN During Shutdown
 Small 4mm x 6mm 32-Pin LQFN Package
 AEC-Q100 Qualified

APPLICATIONS
 Automotive, Industrial, Telecom Systems
 Voltage Regulator with Accurate Current Limit
 High-Frequency Battery-Powered System
 USB Power Delivery (USB-PD) Source




Similar Part No. - LT8350SAVPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8350SAV#PBF AD-LT8350SAV#PBF Datasheet
1Mb / 35P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
Rev. C
LT8350SAV#WPBF AD-LT8350SAV#WPBF Datasheet
1Mb / 35P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
Rev. C
More results


Similar Description - LT8350SAVPBF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592 Datasheet
558Kb / 20P
6A Output Synchronous Buck PWM Switcher
April, 2014 ??Rev. 2
logo
Linear Technology
LT8640S LINER-LT8640S Datasheet
569Kb / 8P
42V, 6A Micropower Synchronous Step-Down Silent Switcher 2
LTM8003 LINER-LTM8003 Datasheet
401Kb / 30P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
40VIN, 2.5A Silent Switcher 關Module Regulator
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LT8350 AD-LT8350 Datasheet
1Mb / 24P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
Rev. 0
EVAL-LT8350-AZ AD-EVAL-LT8350-AZ Datasheet
1Mb / 10P
40VIN, 18VOUT, 6A Synchronous Buck‑Boost Silent Switcher®
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com