Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350SAVPBF Datasheet(PDF) 8 Page - Analog Devices

Part # LT8350SAVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350SAVPBF Datasheet(HTML) 8 Page - Analog Devices

Back Button LT8350SAVPBF Datasheet HTML 4Page - Analog Devices LT8350SAVPBF Datasheet HTML 5Page - Analog Devices LT8350SAVPBF Datasheet HTML 6Page - Analog Devices LT8350SAVPBF Datasheet HTML 7Page - Analog Devices LT8350SAVPBF Datasheet HTML 8Page - Analog Devices LT8350SAVPBF Datasheet HTML 9Page - Analog Devices LT8350SAVPBF Datasheet HTML 10Page - Analog Devices LT8350SAVPBF Datasheet HTML 11Page - Analog Devices LT8350SAVPBF Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Data Sheet
LT8350S
analog.com
Rev. A
8 of 36
ESD Ratings
Table 3. ESD Ratings for LT8350S
ESD Model
Withstand Threshold (V)
HBM
±4000
CDM
±1250
ESD Caution
ESD (electrostatic discharge) sensitive device. Charged devices and circuit boards can
discharge without detection. Although this product features patented or proprietary
protection circuitry, damage may occur on devices subjected to high-energy ESD.
Therefore, proper ESD precautions should be taken to avoid performance degradation or
loss of functionality.
PACKAGE INFORMATION
Table 4. Thermal Resistance on EVAL-LT8350S-AZ
Thermal Resistance, Four-Layer Board
Junction-to-Ambient (θJA)
19°C/W
Junction-to-Case (θJCtop)
28°C/W
Junction-to-Case Thermal Resistance (ΨJT)
0.6°C/W
Table 5. Thermal Resistance on JEDEC Board
Thermal Resistance, Four-Layer Board4
Junction-to-Ambient (θJA)
30°C/W
Junction-to-Case (θJCtop)
28°C/W
Junction-to-Case (ΨJT)
0.7°C/W
4
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a
four-layer board.
For the latest package outline information and land patterns (footprints), go to https://www.analog.com/en/design-
center/packaging-quality-symbols-footprints/package-index.html. Note that a “+”, “#”, or “-” in the package code indicates
RoHS status only. Package drawings may show a different suffix character, but the drawing pertains to the package regardless
of RoHS status.
Package thermal resistances were obtained using the evaluation kit, a four-layer board. For detailed information on package
thermal considerations, refer https://www.analog.com/en/resources/technical-articles/thermal-characterization-of-ic-
packages.html.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com