Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350SAVPBF Datasheet(PDF) 1 Page - Analog Devices

Part # LT8350SAVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350SAVPBF Datasheet(HTML) 1 Page - Analog Devices

  LT8350SAVPBF Datasheet HTML 1Page - Analog Devices LT8350SAVPBF Datasheet HTML 2Page - Analog Devices LT8350SAVPBF Datasheet HTML 3Page - Analog Devices LT8350SAVPBF Datasheet HTML 4Page - Analog Devices LT8350SAVPBF Datasheet HTML 5Page - Analog Devices LT8350SAVPBF Datasheet HTML 6Page - Analog Devices LT8350SAVPBF Datasheet HTML 7Page - Analog Devices LT8350SAVPBF Datasheet HTML 8Page - Analog Devices LT8350SAVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Data Sheet
LT8350S
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
O n e A n al o g Wa y, Wi lm i ngt o n, M A 01887 - 2356, U . S .A .
T el : 781. 329. 4700
© 2024 A n a l o g D evi c es , In c . Al l ri gh t s r es erv ed.
FEATURES
4-Switch Single Inductor Architecture Allows VIN
Above, Below or Equal to VOUT
Silent Switcher®2 Architecture for Low EMI
Up to 95% Efficiency at 2MHz
Proprietary Peak Current Mode
3V to 40V Input Voltage Range
1V to 18V Output Voltage Range
±1.5% Output Voltage Regulation
Output/Input Current Regulation and Monitor
Constant-voltage/Constant-current Regulation
High-Side PMOS Load Switch Driver
No Top MOSFET Refresh Noise in Buck or Boost
200kHz to 2MHz Fixed Switching Frequency with
External Frequency Synchronization and SSFM
VOUTDisconnected from VINDuring Shutdown
Small 4mm x 6mm 32-Pin LQFN Package
AEC-Q100 Qualified
APPLICATIONS
Automotive, Industrial, Telecom Systems
Voltage Regulator with Accurate Current Limit
High-Frequency Battery-Powered System
USB Power Delivery (USB-PD) Source
GENERAL DESCRIPTION
The LT8350S is a monolithic 4-switch synchronous
buck-boost converter with second-generation Silent
Switcher architecture to minimize electromagnetic
interference (EMI) emissions while delivering high
efficiency at high switching frequency. The switcher
can regulate the output voltage, input or output
current from input voltages above, below, or equal to
the output voltage. The proprietary peak current
mode control scheme allows for the synchronization
and adjustment of 200kHz to 2MHz fixed frequency
operation or spread spectrum frequency modulation
(SSFM) operation. With a 3V to 40V input voltage
range, 1V to 18V output voltage capability, and
seamless low noise transitions between operation
regions, the LT8350S is ideal for voltage regulator,
battery, and super-capacitor charger applications in
automotive, industrial, telecom, and battery-powered
systems.
The LT8350S provide an input or output current
monitor and power good flag. Robust fault protection
is provided to detect output short-circuit conditions,
during which the LT8350S retries, latches off, or keeps
running.
Maximum Junction
Temperature
Internal Caps
LT8350
150°C
No
LT8350S
125°C
Yes
SIMPLIFIED APPLICATION DIAGRAM
95% Efficient 24W (12V, 2A) 2MHz Buck-Boost
Voltage Regulator with Output Current Limit
EFFICIENCY vs VIN


Similar Part No. - LT8350SAVPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8350SAV#PBF AD-LT8350SAV#PBF Datasheet
1Mb / 35P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
Rev. C
LT8350SAV#WPBF AD-LT8350SAV#WPBF Datasheet
1Mb / 35P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
Rev. C
More results

Similar Description - LT8350SAVPBF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592 Datasheet
558Kb / 20P
6A Output Synchronous Buck PWM Switcher
April, 2014 ??Rev. 2
logo
Linear Technology
LT8640S LINER-LT8640S Datasheet
569Kb / 8P
42V, 6A Micropower Synchronous Step-Down Silent Switcher 2
LTM8003 LINER-LTM8003 Datasheet
401Kb / 30P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
40VIN, 2.5A Silent Switcher 關Module Regulator
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LT8350 AD-LT8350 Datasheet
1Mb / 24P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
Rev. 0
EVAL-LT8350-AZ AD-EVAL-LT8350-AZ Datasheet
1Mb / 10P
40VIN, 18VOUT, 6A Synchronous Buck‑Boost Silent Switcher®
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com