Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350SAVPBF Datasheet(PDF) 7 Page - Analog Devices

Part # LT8350SAVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350SAVPBF Datasheet(HTML) 7 Page - Analog Devices

Back Button LT8350SAVPBF Datasheet HTML 3Page - Analog Devices LT8350SAVPBF Datasheet HTML 4Page - Analog Devices LT8350SAVPBF Datasheet HTML 5Page - Analog Devices LT8350SAVPBF Datasheet HTML 6Page - Analog Devices LT8350SAVPBF Datasheet HTML 7Page - Analog Devices LT8350SAVPBF Datasheet HTML 8Page - Analog Devices LT8350SAVPBF Datasheet HTML 9Page - Analog Devices LT8350SAVPBF Datasheet HTML 10Page - Analog Devices LT8350SAVPBF Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Data Sheet
LT8350S
analog.com
Rev. A
7 of 36
ABSOLUTE MAXIMUM RATINGS
TA = 25°C unless otherwise specified.
Table 2. Absolute Maximum Ratings
PARAMETER
RATING
VIN, EN/UVLO, ISP, ISN
-0.3V to 42V
VOUT, EXTVCC
-0.3V to 20V
SW1
-0.3V to 42V
SW2
-0.3V to 20V
BST1
47V
BST2
25V
BST1–SW1, BST2–SW2, INTVcc
-0.3V to 5V
CTRL, FB, LOADEN, SYNC/MODE,
PGOOD
-0.3V to 5V
ISMON, VC, RT
-0.3V to 5V
SS, VREF
-0.3V to 4V
ISP-ISN
-1V to 1V
CLKOUT, LOADTG
(1)
Operating Junction Temperature
Range (2,3)
-40°C to 125°C
Storage Temperature Range
-65°C to 150°C
1
Do not apply a positive or negative voltage source to these pins, otherwise permanent damage may occur.
2
The LT8350S is specified over the –40°C to 125°C operating junction temperature range. High Junction temperatures degrade
operating lifetimes. Note that the maximum ambient temperature consistent with these specifications is determined by specific
operating conditions in conjunction with board layout, the rated package thermal impedance, and other environmental factors.
3
The LT8350S includes overtemperature protection that is intended to protect the device during momentary overload conditions.
Junction temperature will exceed 150°C when overtemperature protection is active. Continuous operation above the specified
absolute maximum operating junction temperature may impair device reliability or permanently damage the device.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These
are stress ratings only, functional operation of the product at these or any other conditions above those indicated in
the operational section of this specification is not implied. Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
Electrostatic Discharge (ESD)
The following ESD information is provided for the handling of ESD-sensitive devices in an ESD-protected area only
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001 and charged device model (CDM) per ANSI/ESDA/JEDEC
JS-002.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com