Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350SAVPBF Datasheet(PDF) 25 Page - Analog Devices

Part # LT8350SAVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350SAVPBF Datasheet(HTML) 25 Page - Analog Devices

Back Button LT8350SAVPBF Datasheet HTML 21Page - Analog Devices LT8350SAVPBF Datasheet HTML 22Page - Analog Devices LT8350SAVPBF Datasheet HTML 23Page - Analog Devices LT8350SAVPBF Datasheet HTML 24Page - Analog Devices LT8350SAVPBF Datasheet HTML 25Page - Analog Devices LT8350SAVPBF Datasheet HTML 26Page - Analog Devices LT8350SAVPBF Datasheet HTML 27Page - Analog Devices LT8350SAVPBF Datasheet HTML 28Page - Analog Devices LT8350SAVPBF Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Data Sheet
LT8350S
analog.com
Rev. A
25 of 36
APPLICATIONS INFORMATION
This section serves as a guideline for selecting external components for typical applications. See the Simplified
Application Diagram for more details. Unless otherwise specified, the examples and equations in this section assume
continuous conduction mode.
Switching Frequency Selection
The LT8350S uses a constant frequency control scheme between 200kHz and 2MHz. The selection of the switching
frequency is a trade-off between efficiency and component size. Low-frequency operation improves efficiency by
reducing MOSFET switching losses but requires larger inductor and capacitor values. Consider operating at lower
frequencies for high-power applications to minimize MOSFET heating from switching losses. Consider operating at
higher frequencies for low-power applications to minimize the total solution size. In addition, the specific application
also plays an important role in switching frequency selection. In a noise-sensitive system, the switching frequency is
usually selected to keep the switching noise out of a sensitive frequency band.
Switching Frequency Setting
The internal oscillator can set the LT8350S's switching frequency. With the SYNC/MODE pin pulled to ground, a
resistor from the RT pin to ground sets the switching frequency. Table 7 shows RT resistor values for common
switching frequencies.
Table 7. Switching Frequency vs RT Value (1% Resistor)
FOSC (kHz)
RT (kΩ)
200
249
400
124
600
78.7
800
56.2
1000
43.2
1200
33.2
1400
26.1
1600
21.5
1800
17.4
2000
14.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com