Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350SAVPBF Datasheet(PDF) 5 Page - Analog Devices

Part # LT8350SAVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350SAVPBF Datasheet(HTML) 5 Page - Analog Devices

  LT8350SAVPBF Datasheet HTML 1Page - Analog Devices LT8350SAVPBF Datasheet HTML 2Page - Analog Devices LT8350SAVPBF Datasheet HTML 3Page - Analog Devices LT8350SAVPBF Datasheet HTML 4Page - Analog Devices LT8350SAVPBF Datasheet HTML 5Page - Analog Devices LT8350SAVPBF Datasheet HTML 6Page - Analog Devices LT8350SAVPBF Datasheet HTML 7Page - Analog Devices LT8350SAVPBF Datasheet HTML 8Page - Analog Devices LT8350SAVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Data Sheet
LT8350S
analog.com
Rev. A
5 of 36
(TA = 25°C, unless otherwise specified, where conditions must be at full operating temperature range. VIN = 12V,
VEN/UVLO= 1.5V, unless otherwise noted.)
PARAMETER
CONDITIONS
COMMENTS
MIN
TYP
MAX UNITS
FB Regulation Voltage
VC = 0.8V
TA = -40°C to 125°C
0.985
1.00
1.015
V
FB Line Regulation
VIN = 3V to 40V
0.02
0.2
%
FB Load Regulation
0.02
0.1
%
FB Voltage Regulation
Amplifier gm
580
uS
VC Output Impedance
10
MΩ
Power Switches
Maximum Switch
Current Limit
Peak-Boost Current
Mode
6.3
7.0
7.7
A
Peak-Buck Current Mode
5.8
7.0
8.0
A
Switch A On-Resistance
(From VIN to SW1)
ISW = 1A
50
mΩ
Switch B On-
Resistance (From SW1
to GND)
ISW = 1A
50
mΩ
Switch C On-
Resistance (From SW2
to GND)
ISW = 1A
30
mΩ
Switch D On-
Resistance (From VOUT
to SW2)
ISW = 1A
30
mΩ
Oscillator
Switching Frequency
VSYNC/MODE = 0V,
RT = 14.3kΩ
TA = -40°C to 125°C
1930
2000
2070
kHz
VSYNC/MODE = 0V,
RT = 178kΩ
TA = -40°C to 125°C
260
290
320
kHz
SYNC Frequency
200
2000
kHz
SYNC/MODE Threshold
Voltage
0.4
1.5
V
Spread Spectrum
Above Oscillator
Frequency
VSYNC/MODE = 3.6V
20
23
26
%
Fault
FB Short Threshold
(VFB)
Falling
0.23
0.23
0.27
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com