Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350SAVPBF Datasheet(PDF) 32 Page - Analog Devices

Part # LT8350SAVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350SAVPBF Datasheet(HTML) 32 Page - Analog Devices

Back Button LT8350SAVPBF Datasheet HTML 28Page - Analog Devices LT8350SAVPBF Datasheet HTML 29Page - Analog Devices LT8350SAVPBF Datasheet HTML 30Page - Analog Devices LT8350SAVPBF Datasheet HTML 31Page - Analog Devices LT8350SAVPBF Datasheet HTML 32Page - Analog Devices LT8350SAVPBF Datasheet HTML 33Page - Analog Devices LT8350SAVPBF Datasheet HTML 34Page - Analog Devices LT8350SAVPBF Datasheet HTML 35Page - Analog Devices LT8350SAVPBF Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Data Sheet
LT8350S
analog.com
Rev. A
32 of 36
stability. The inductor and output capacitor are chosen based on performance, size and cost. The compensation
resistor and capacitor on the VC pin are set to optimize control loop response and stability. For a typical
application, a 2.2nF compensation capacitor on the VC pin is adequate, and a series resistor should always be used
to increase the slew rate on the VC pin to maintain tighter output voltage regulation during fast transients on the
input supply of the converter.
Efficiency Considerations
The power efficiency of a switching regulator is equal to the output power divided by the input power times 100%.
It is useful to analyze individual losses to determine what limits the efficiency and which change would produce the
most improvement. Although all dissipative elements in circuits produce losses, four main sources account for
most of the losses in the LT8350S circuit:
1) DC I²R losses. These arise from the resistances of the MOSFETs, sensing resistor, inductor, and PC board
traces and cause the efficiency to drop at high output currents.
2) Transition loss. This loss arises from the brief amount of time switch A or switch C spends in the saturated
region during switch node transitions. It depends upon the input voltage, load current, driver strength and
MOSFET capacitance, among other factors.
3) INTVCC current. This is the sum of the MOSFET driver and control currents.
4) CIN and COUT loss. The input capacitor has the difficult job of filtering the large Root Mean Square (RMS)
input current to the regulator in buck region. The output capacitor has the difficult job of filtering the large
RMS output current in boost region. Both CIN and COUT are required to have low Equivalent series resistance
(ESR) to minimize the AC I²R loss and sufficient capacitance to prevent the RMS current from causing
additional upstream losses in fuses or batteries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com