Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350SAVPBF Datasheet(PDF) 27 Page - Analog Devices

Part # LT8350SAVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350SAVPBF Datasheet(HTML) 27 Page - Analog Devices

Back Button LT8350SAVPBF Datasheet HTML 23Page - Analog Devices LT8350SAVPBF Datasheet HTML 24Page - Analog Devices LT8350SAVPBF Datasheet HTML 25Page - Analog Devices LT8350SAVPBF Datasheet HTML 26Page - Analog Devices LT8350SAVPBF Datasheet HTML 27Page - Analog Devices LT8350SAVPBF Datasheet HTML 28Page - Analog Devices LT8350SAVPBF Datasheet HTML 29Page - Analog Devices LT8350SAVPBF Datasheet HTML 30Page - Analog Devices LT8350SAVPBF Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Data Sheet
LT8350S
analog.com
Rev. A
27 of 36
Maximum Output Current
The LT8350S is a constant-voltage, constant-current, and buck-boost converter. The output voltage is regulated up
to the current limit threshold, which is set by the CTRL pin voltage and the current sense resistor across the ISP/ ISN
pins. If the accurate current limit is not required in the application, connect the CTRL pin to VREF and short the ISP and
ISN pins to disable this accurate current limit function. See the Programming Input or Output Current Limit section
for more details. In practice, the maximum output current can be limited by the thermal constraints of the
application. Figure 38 shows the measured output currents over VIN that increase the case temperature by 60°C. The
output is regulated at 12V, and the ambient temperature is 25°C. The measurements were done using the LT8350S
demo board. See Figure 38 to estimate how much output current and power the LT8350S can provide under the
temperature constraint for a given application.
Another factor that can limit the output current and power from the LT8350S is the maximum switch current limit.
The typical maximum switch current limit is 6.8A. When the output current and power increase for a given input
voltage, the input current will increase until the peak of the inductor current reaches the maximum switch current
limit. If the load demands more current, the output voltage may decrease as the converter will regulate the peak of
the inductor current to be less than the maximum switch current limit.
Figure 38. LT8350S Output Currents Resulting 60°C Case Temperature Increase
Inductor Selection
The switching frequency and inductor selection are interrelated in that higher switching frequencies allow the use of
smaller inductor and capacitor values. The inductor value has a direct effect on the ripple current. The highest
current ripple ∆IL% happens in the buck region at PVIN(MAX), and the lowest current ripple ∆IL% happens in the boost
region at VIN(MIN). For any given ripple allowance, the minimum inductance can be calculated as:
LBUCK >
VOUT × (VIN(MAX) – VOUT)
fSW × IOUT(MAX) × ∆IL% × VIN(MAX)
LBOOST >
VIN(MIN)
2
× (VOUT – VIN(MIN))
fSW × IOUT(MAX) × ∆IL% × VOUT
2
where:
fSW is switching frequency
∆IL% is allowable inductor current ripple
VIN(MIN) is minimum input voltage
VIN(MAX) is maximum input voltage
IOUT(MAX) is maximum output current
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
4
8
12
16
20
24
28
32
36
40
fSW = 2MHz
fSW = 350kHz
VIN (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com