Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350SAVPBF Datasheet(PDF) 19 Page - Analog Devices

Part # LT8350SAVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350SAVPBF Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8350SAVPBF Datasheet HTML 15Page - Analog Devices LT8350SAVPBF Datasheet HTML 16Page - Analog Devices LT8350SAVPBF Datasheet HTML 17Page - Analog Devices LT8350SAVPBF Datasheet HTML 18Page - Analog Devices LT8350SAVPBF Datasheet HTML 19Page - Analog Devices LT8350SAVPBF Datasheet HTML 20Page - Analog Devices LT8350SAVPBF Datasheet HTML 21Page - Analog Devices LT8350SAVPBF Datasheet HTML 22Page - Analog Devices LT8350SAVPBF Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Data Sheet
LT8350S
analog.com
Rev. A
19 of 36
OPERATION
The LT8350S is a current mode DC/DC converter that can regulate output voltage from input voltage above, below,
or equal to the output voltage. Four internal low-resistance N-channel double-diffused Metal-Oxide-Semiconductor
(DMOS) switches minimize the size of the application circuit and reduce power losses to maximize efficiency. Internal
high-side gate drivers further simplify the design process. The ADI proprietary peak current mode control scheme
directly senses the inductor current across the internal power switches. It provides a smooth transition between
buck region, buck-boost region, and boost region. The LT8350S can be configured to operate over a wide range of
switching frequencies, from 200kHz to 2MHz, allowing applications to be optimized for broad area and efficiency.
See the Block Diagram for the best understanding of the operation.
Power Switch Control
Figure 28 shows the topology of the LT8350S power stage, which is comprised of four N-channel DMOS switches
and their associated gate drivers. Figure 29 shows the current mode control as a function of the VIN/VOUT ratio, and
Figure 30 shows the operation region as a function of the VIN/VOUT ratio. The power switches are properly controlled
to transition smoothly between modes and regions. Hysteresis is added to prevent chattering between modes and
regions.
Figure 28. Power Stage Schematic
There are a total of four states:
(1) Peak-Buck current mode control in Buck region.
(2) Peak-Buck current mode control in the Buck-Boost region.
(3) Peak-Boost current mode control in the Buck-Boost region, and
(4) Peak-Boost current mode control in Boost region.
The following sections provide detailed descriptions for each state with waveforms, in which the shoot-through
protection dead time between switches A and B and between switches C and D are ignored for simplification.
L
SW1
SW2
INTVCC
INTVCC
INTVCC
INTVCC
CBST1
CBST2
VIN
VOUT
GND
GND
A
B
D
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com