Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350SAVPBF Datasheet(PDF) 4 Page - Analog Devices

Part # LT8350SAVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350SAVPBF Datasheet(HTML) 4 Page - Analog Devices

  LT8350SAVPBF Datasheet HTML 1Page - Analog Devices LT8350SAVPBF Datasheet HTML 2Page - Analog Devices LT8350SAVPBF Datasheet HTML 3Page - Analog Devices LT8350SAVPBF Datasheet HTML 4Page - Analog Devices LT8350SAVPBF Datasheet HTML 5Page - Analog Devices LT8350SAVPBF Datasheet HTML 6Page - Analog Devices LT8350SAVPBF Datasheet HTML 7Page - Analog Devices LT8350SAVPBF Datasheet HTML 8Page - Analog Devices LT8350SAVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Data Sheet
LT8350S
analog.com
Rev. A
4 of 36
SPECIFICATIONS
Table 1. Electrical Characteristics
(TA = 25°C, unless otherwise specified, where conditions must be at full operating temperature range. VIN = 12V,
VEN/UVLO= 1.5V, unless otherwise noted.)
PARAMETER
CONDITIONS
COMMENTS
MIN
TYP
MAX UNITS
Input and Output
Input Voltage Range
TA = -40°C to 125°C
3
40
V
VIN Shutdown Current
VEN/UVLO = 0.3V
2
5
µA
VIN Active Current
(Not Switching)
VEN/UVLO = 1.5V,
EXTVCC = 0V
3.5
5
mA
VEN/UVLO = 1.5V,
EXTVCC = 5V
400
650
µA
EXTVCC Voltage Range
TA = -40°C to 125°C
1
18
V
Output Voltage Range
TA = -40°C to 125°C
0
18
V
EN/UVLO Shutdown
Threshold
Falling
0.3
0.6
0.9
V
EN/UVLO Enable
Threshold
Rising
TA = -40°C to 125°C
1.196 1.220 1.244
V
EN/UVLO Enable
Hysteresis
15
mV
EN/UVLO Enable
Hysteresis Current
VEN/UVLO = 1.1V
2.1
2.5
2.9
µA
VEN/UVLO = 1.5V
-0.1
0
0.1
µA
Linear Regulators
INTVCC Regulation
Voltage
IINTVCC = 20mA
3.4
3.6
3.8
V
VREF Regulation Voltage IVREF = 100µA
TA = -40°C to 125°C
1.99
2.00
2.03
V
Current Regulation Loop
Full-Scale Current
Regulation
VCTRL = 2V, VISP = 12V
TA = -40°C to 125°C
97
100
103
mV
VCTRL = 2V, VISP = 0V
TA = -40°C to 125°C
97
100
103
mV
ISP/ISN Input Common
Mode Range
TA = -40°C to 125°C
0
40
V
ISP/ISN Current
Regulation Amplifier gm
2300
µS
Voltage Regulation Loop
FB Pin Current
FB in Regulation,
Current Out of Pin
35
80
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com