Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350SAVPBF Datasheet(PDF) 14 Page - Analog Devices

Part # LT8350SAVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350SAVPBF Datasheet(HTML) 14 Page - Analog Devices

Back Button LT8350SAVPBF Datasheet HTML 10Page - Analog Devices LT8350SAVPBF Datasheet HTML 11Page - Analog Devices LT8350SAVPBF Datasheet HTML 12Page - Analog Devices LT8350SAVPBF Datasheet HTML 13Page - Analog Devices LT8350SAVPBF Datasheet HTML 14Page - Analog Devices LT8350SAVPBF Datasheet HTML 15Page - Analog Devices LT8350SAVPBF Datasheet HTML 16Page - Analog Devices LT8350SAVPBF Datasheet HTML 17Page - Analog Devices LT8350SAVPBF Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Data Sheet
LT8350S
analog.com
Rev. A
14 of 36
TA= 25°C, Unless otherwise noted.
Figure 25. ISMON vs Temperature
Figure 26. SS Current Temperature
Figure 27. Frequency vs Temperature
0.25
0.35
0.45
0.55
0.65
0.75
0.85
0.95
1.05
1.15
1.25
V(ISP–ISN) (mV)
TEMPERATURE (°C)
0
2.5
5.0
7.5
10.0
12.5
15.0
PULL-UP
PULL-DOWN
–40
–15
10
35
60
85
110
TEMPERATURE (°C)
0
500
1000
1500
2000
2500
RT = 14.3kΩ
RT = 43.2kΩ
RT = 178kΩ
–40
–15
10
35
60
85
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com