Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350SAVPBF Datasheet(PDF) 23 Page - Analog Devices

Part # LT8350SAVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350SAVPBF Datasheet(HTML) 23 Page - Analog Devices

Back Button LT8350SAVPBF Datasheet HTML 19Page - Analog Devices LT8350SAVPBF Datasheet HTML 20Page - Analog Devices LT8350SAVPBF Datasheet HTML 21Page - Analog Devices LT8350SAVPBF Datasheet HTML 22Page - Analog Devices LT8350SAVPBF Datasheet HTML 23Page - Analog Devices LT8350SAVPBF Datasheet HTML 24Page - Analog Devices LT8350SAVPBF Datasheet HTML 25Page - Analog Devices LT8350SAVPBF Datasheet HTML 26Page - Analog Devices LT8350SAVPBF Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Data Sheet
LT8350S
analog.com
Rev. A
23 of 36
Internal Charge Path
Each of the two high-side gate drivers is biased from its floating bootstrap capacitor CBST1 and CBST2, which is usually
recharged by INTVCC through the integrated bootstrap diode D1 and D2 when the bottom power switches are turned
on. When the LT8350S operates exclusively in the buck or boost regions, one of the top power switches is constantly
on. Internal charge paths, from VOUT and BST2 to BST1, or from VIN and BST1 to BST2, charge the bootstrap capacitors
to above 3.3V so that the top power switch can be kept on.
Shutdown and Power-On-Reset
The LT8350S enters shutdown mode and drains less than 2µA (typical) quiescent current when the EN/UVLO pin is
below its shutdown threshold (0.3V minimum). Once the EN/UVLO pin is above its shutdown threshold (0.9V
maximum), the LT8350S wakes up startup circuitry, generates bandgap reference, and powers up the internal INTVCC
LDO. The INTVCC LDO supplies the internal control circuitry and gate drivers. Now, LT8350S enters undervoltage
lockout (UVLO) mode with a hysteresis current (2.5µA typical) pulled into the EN/UVLO pin. When the INTVCC pin is
charged above its rising UVLO threshold (2.52V typical), the EN/UVLO pin passes its rising enable threshold (1.235V
typical), and the junction temperature is less than its thermal shutdown (165°C typical), the LT8350S enters enable
mode, in which the EN/UVLO hysteresis current is turned off, and VREF is being charged up from ground. From the
time of entering enable mode to the time of VREF passing its rising UVLO threshold (1.89V typical), the LT8350S goes
through a power-on-reset (POR), waking up the entire internal control circuitry and settling to the right initial
conditions. After the POR, the LT8350S is ready and waiting for the signals on the CTRL and LOADEN pins to start
switching.
Start-Up and Fault Protection
Figure 35 shows the start-up and fault sequence for the LT8350S. During the POR state, the SS pin is hard pulled down
with a 130Ω to ground. In a pre-biased condition, the SS pin must be pulled below 0.2V to enter the INIT state, where
the LT8350S waits for 10µs to discharge the SS pin to the ground completely. After the 10µs, the LT8350S enters the
UP/PRE state when the LOADON signal goes high. The LOADON high signal happens when the CTRL pin is above its
CTRL OFF thresholds (0.225V typical) and the LOADEN is high.
During the UP/PRE state, the SS pin is charged up by a 12.5µA pull-up current while the switching is disabled and the
LOADTG is turned off. Once the SS pin is charged above 0.25V, the LT8350S enters the UP/TRY state, where the
LOADTG is turned on first while the switching is still disabled. If an excessive current flowing through the current
sense resistor triggers the ISP/ISN overcurrent (ISOC) signal, it will reset the LT8350S back into the POR state. After
10µs in the UP/TRY state without triggering the ISOC signal, the LT8350S enters the UP/RUN state.
During the UP/RUN state, the switching is enabled, and the start-up of the output voltage VOUT is controlled by the
voltage on the SS pin. When the SS pin voltage is less than 1V, the LT8350S regulates the FB pin voltage to the SS pin
voltage instead of the 1V reference. This allows the SS pin to program soft start by connecting an external capacitor
from the SS pin to the GND. The internal 12.5µA pull-up current charges up the capacitor, creating a voltage ramp on
the SS pin. As the SS pin voltage rises linearly from 0.25V to 1V (and beyond), the output voltage VOUT rises smoothly
to its final regulation voltage.
Once the SS pin is charged above 1.75V, the LT8350S enters the OK/RUN state, where the output short detection is
activated. The output short means that VFB < 0.25V. When the output short happens, the LT8350S enters the
FAULT/RUN state, where a 1.25µA pull-down current slowly discharges the SS pin with the other conditions the same
as the OK/RUN state. Once the SS pin is discharged below 1.7V, the LT8350S enters the DOWN/STOP state, and the
short detection is deactivated with the previous fault latched. Once the SS pin is discharged below 0.2V and the
LOADON signal is still high, the LT8350S goes back to the UP/RUN state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com