Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350SAVPBF Datasheet(PDF) 6 Page - Analog Devices

Part # LT8350SAVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350SAVPBF Datasheet(HTML) 6 Page - Analog Devices

Back Button LT8350SAVPBF Datasheet HTML 2Page - Analog Devices LT8350SAVPBF Datasheet HTML 3Page - Analog Devices LT8350SAVPBF Datasheet HTML 4Page - Analog Devices LT8350SAVPBF Datasheet HTML 5Page - Analog Devices LT8350SAVPBF Datasheet HTML 6Page - Analog Devices LT8350SAVPBF Datasheet HTML 7Page - Analog Devices LT8350SAVPBF Datasheet HTML 8Page - Analog Devices LT8350SAVPBF Datasheet HTML 9Page - Analog Devices LT8350SAVPBF Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Data Sheet
LT8350S
analog.com
Rev. A
6 of 36
(TA = 25°C, unless otherwise specified, where conditions must be at full operating temperature range. VIN = 12V,
VEN/UVLO= 1.5V, unless otherwise noted.)
PARAMETER
CONDITIONS
COMMENTS
MIN
TYP
MAX UNITS
FB Short Hysteresis
38
50
62
mV
ISP/ISN Over Current
Threshold V(ISP-ISN)
VISP = 12V
750
mV
PGOOD
Upper
Threshold Offset from
VFB
Rising
8
10
12
%
PGOOD
Lower
Threshold Offset from
VFB
Falling
-12
-10
-8
%
PGOOD
Pull-Down
Resistance
130
200
Ω
SS Hard Pull-Down
Resistance
130
200
Ω
SS Pull-Up Current
VFB = 0.8V, VSS = 0V
10.5
12.5
14.5
µA
SS Pull-Down Current
VFB = 1V, VSS = 2V
1.0
1.25
1.5
µA
SS Fault Latch-Off
Threshold
1.75
V
SS Fault Reset
Threshold
0.2
V
Output Current Monitor
ISMON Voltage
V(ISP-ISN) = 100mV,
VISP = 12V/0V
1.21
1.25
1.29
V
ISMON Voltage
V(ISP-ISN) = 0mV,
VISP = 12V/0V
0.22
0.25
0.28
V
Load Switch Driver
LOADEN Threshold
Rising
1.5
V
LOADEN Hysteresis
540
mV
Minimum VOUT for
LOADTG to be ON
VLOADEN = 5V
3
4.0
V
LOADTG ON Voltage
V(VOUT-LOADTG)
VOUT = 12V
4.5
5
5.5
V
LOADTG OFF Voltage
V(VOUT-LOADTG)
VOUT = 12V
-0.1
0
0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com