Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350SAVPBF Datasheet(PDF) 28 Page - Analog Devices

Part # LT8350SAVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350SAVPBF Datasheet(HTML) 28 Page - Analog Devices

Back Button LT8350SAVPBF Datasheet HTML 24Page - Analog Devices LT8350SAVPBF Datasheet HTML 25Page - Analog Devices LT8350SAVPBF Datasheet HTML 26Page - Analog Devices LT8350SAVPBF Datasheet HTML 27Page - Analog Devices LT8350SAVPBF Datasheet HTML 28Page - Analog Devices LT8350SAVPBF Datasheet HTML 29Page - Analog Devices LT8350SAVPBF Datasheet HTML 30Page - Analog Devices LT8350SAVPBF Datasheet HTML 31Page - Analog Devices LT8350SAVPBF Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Data Sheet
LT8350S
analog.com
Rev. A
28 of 36
Slope compensation provides stability in constant frequency current mode control by preventing subharmonic
oscillations at certain duty cycles. The minimum inductance required for stability can be calculated as:
L >
VOUT
2 × fSW × ISW(MAX)
where:
fSW is switching frequency
I
SW
(MAX) is maximum maximum switch current limit = 6.8A (typical)
For high-efficiency, choose an inductor with low core loss, such as ferrite. The inductor should also have low DC
resistance to reduce the I2R losses and must be able to handle the peak inductor current without saturating. Use a
shielded inductor to minimize radiated noise.
C
IN and COUT Selection
Input and output capacitance are necessary to suppress voltage ripple caused by discontinuous current moving in
and out of the regulator. A parallel combination of capacitors is typically used to achieve high capacitance and low
equivalent series resistance (ESR). Dry tantalum, special polymer, aluminum electrolytic, and ceramic capacitors
are all available in surface mount packages. Capacitors with low ESR and high ripple current ratings, such as OS-
CON and POSCAP, are also available.
Ceramic capacitors should be placed near the regulator input and output to suppress high-frequency switching
spikes. Ceramic capacitors of at least 1µF should also be placed from VIN to GND and VOUT to GND as close to the
LT8350 pins as possible. Due to their excellent low ESR characteristics, ceramic capacitors can significantly reduce
input ripple voltage and help reduce power loss in the higher ESR bulk capacitors. X5R or X7R dielectrics are
preferred, as these materials retain capacitance over wide voltage and temperature ranges. Many ceramic
capacitors, particularly 0805 or 0603 case sizes, have greatly reduced capacitance at the desired operating voltage.
Input Capacitance (C
IN)
Discontinuous input current is highest in the buck region due to switch A toggling on and off. Make sure that the CIN
capacitor network has low enough ESR and is sized to handle the maximum RMS current. In buck region, the input
RMS current is given by:
I
I_inputRMS ≈ I
OUT(MAX) ×
VOUT
VIN
× √
VIN
VOUT
- 1
The formula has a maximum at VIN = 2VOUT, where II_inputRMS = IOUT(MAX)/2. This simple worst-case condition is commonly
used for design because even significant deviations do not offer much relief.
Output Capacitance (C
OUT)
Discontinuous current shifts from the input to the output in the boost region. Make sure that the COUT capacitor
network can reduce the output voltage ripple. The effects of ESR and bulk capacitance must be considered when
choosing the right capacitor for a given output ripple voltage. The maximum steady state ripple due to charging
and discharging the bulk capacitance is given by:
ΔVCAP(BOOST) =
IOUT x (VOUT - VIN(MIN))
COUT x VOUT x fSW
ΔVCAP(BUCK) =
VOUT x (1 -
VOUT
VIN(MIN) )
8 x L x fSW
2 x COUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com