Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350SAVPBF Datasheet(PDF) 17 Page - Analog Devices

Part # LT8350SAVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350SAVPBF Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8350SAVPBF Datasheet HTML 13Page - Analog Devices LT8350SAVPBF Datasheet HTML 14Page - Analog Devices LT8350SAVPBF Datasheet HTML 15Page - Analog Devices LT8350SAVPBF Datasheet HTML 16Page - Analog Devices LT8350SAVPBF Datasheet HTML 17Page - Analog Devices LT8350SAVPBF Datasheet HTML 18Page - Analog Devices LT8350SAVPBF Datasheet HTML 19Page - Analog Devices LT8350SAVPBF Datasheet HTML 20Page - Analog Devices LT8350SAVPBF Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Data Sheet
LT8350S
analog.com
Rev. A
17 of 36
PIN
NAME
DESCRIPTION
22
LOADTG
High-Side PMOS Load Switch Top Gate Drive. The LOADTG pin produces a buffered
and inverted version of the LOADEN input signal and drives an external high-side
PMOS load switch with a voltage swing from the higher voltage between (VOUT−5V)
and 1.2V to VOUT. Leave this pin open if not used.
24, 25
VOUT
Power Output. The VOUT pins connect to the power output of the converter, and
also serve as the positive rail for the LOADTG drive. Bypass this pin to ground with
a ceramic capacitor. The bypass capacitor should be placed as close to the chip as
possible with vias directly down to the ground plane.
27, 28
SW2
Boost Side Switch Node. The SW2 pins connect to the internal power switches, and
swing from ground to a diode voltage above VOUT. Do not force any voltage on
these pins.
29
BST2
Boost Side Bootstrap Floating Driver Supply. The BST2 pin connects to an
integrated bootstrap diode and capacitor from the INTVCC pin and supplies the
boost side top power switch gate driver. Do not connect anything to this pin.
30
BST1
Buck Side Bootstrap Floating Driver Supply. The BST1 pin connects to an
integrated bootstrap diode and capacitor from the INTVCC pin and supplies the
buck side top power switch gate drive. Do not connect anything to this pin.
31, 32
SW1
Buck Side Switch Node. The SW1 pins connect to the internal power switches, and
swing from a diode voltage drop below ground up to VIN. Do not force any voltage
on these pins.
33, 34,
35, 36
GND
Ground. Solder the exposed pads directly to the ground plane.
Corner Pins
These pins are for mechanical support only and can be connected anywhere on the
Printed Circuit Board (PCB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com