Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350SAVPBF Datasheet(PDF) 13 Page - Analog Devices

Part # LT8350SAVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350SAVPBF Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8350SAVPBF Datasheet HTML 9Page - Analog Devices LT8350SAVPBF Datasheet HTML 10Page - Analog Devices LT8350SAVPBF Datasheet HTML 11Page - Analog Devices LT8350SAVPBF Datasheet HTML 12Page - Analog Devices LT8350SAVPBF Datasheet HTML 13Page - Analog Devices LT8350SAVPBF Datasheet HTML 14Page - Analog Devices LT8350SAVPBF Datasheet HTML 15Page - Analog Devices LT8350SAVPBF Datasheet HTML 16Page - Analog Devices LT8350SAVPBF Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Data Sheet
LT8350S
analog.com
Rev. A
13 of 36
TA= 25°C, Unless otherwise noted.
Figure 19. Peak Current vs Temperature
Figure 20. Minimum On-Time vs Temperature
Figure 21. Maximum On-Time vs Temperature
Figure 22. FB Short-Circuit Threshold
Figure 23. PGOOD Threshold
Figure 24. ISMON vs Temperature
–20
–15
–10
–5
0
5
10
15
20
TEMPERATURE (°C)
UPPER RISING
UPPER FALLING
LOWER RISING
LOWER FALLING
–40
–15
10
35
60
85
110
–40
–15
10
35
60
85
110
TEMPERATURE (°C)
0
0.25
0.50
0.75
1.00
1.25
1.50
V(ISP–ISN) = 100mV
V(ISP–ISN) = 10mV
V(ISP–ISN) = 0mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com