Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350SAVPBF Datasheet(PDF) 26 Page - Analog Devices

Part # LT8350SAVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350SAVPBF Datasheet(HTML) 26 Page - Analog Devices

Back Button LT8350SAVPBF Datasheet HTML 22Page - Analog Devices LT8350SAVPBF Datasheet HTML 23Page - Analog Devices LT8350SAVPBF Datasheet HTML 24Page - Analog Devices LT8350SAVPBF Datasheet HTML 25Page - Analog Devices LT8350SAVPBF Datasheet HTML 26Page - Analog Devices LT8350SAVPBF Datasheet HTML 27Page - Analog Devices LT8350SAVPBF Datasheet HTML 28Page - Analog Devices LT8350SAVPBF Datasheet HTML 29Page - Analog Devices LT8350SAVPBF Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Data Sheet
LT8350S
analog.com
Rev. A
26 of 36
Spread Spectrum Frequency Modulation
Switching regulators can be particularly troublesome for applications where electromagnetic interference (EMI) is a
concern. The LT8350S implements a triangle spread spectrum frequency modulation scheme to improve EMI
performance. With the SYNC/MODE pin connected to INTVCC, the LT8350S spreads its switching frequency 23%
(typical) above the internal oscillator frequency. Figure 36 and Figure 37 show the noise spectrum of the typical
application (See Figure 41) when the part operates at 12VOUT, 2.5A, and 350kHz with ferrite bead EMI filter and spread
spectrum enabled.
Figure 36. Conducted Average EMI (CISPR25)
Figure 37. Conducted Peak EMI (CISPR25)
Frequency Synchronization and Operation Mode Selection
The LT8350S switching frequency can be synchronized to an external clock using the SYNC/MODE pin. It is
recommended to drive the SYNC/MODE with a 10% to 90% duty cycle waveform. Due to the use of a phase-locked
loop (PLL) inside, there is no restriction between the synchronization frequency and the internal oscillator frequency.
The rising edge of the synchronization clock represents the beginning of a switching cycle, turning on switches A and
C or switches A and D.
SYNC/MODE pin also has four selectable modes for optimization of performance:
1) Connect to INTVCC: For spread spectrum frequency modulation and force continuous mode at light load.
2) Connect to VREF: For spread spectrum frequency modulation and pulse-skipping mode at light load.
3) Float: For internal oscillator frequency and force continuous mode at light load.
4) Connect to GND: For internal oscillator frequency and pulse-skipping mode at light load.
80
70
60
50
40
30
20
10
0
150k
1M
10M
FREQUENCY (Hz)
108M
CLASS 5 AVERAGE LIMIT
NOISE FLOOR
SSFM ON WITH FILTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com