Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350SAVPBF Datasheet(PDF) 16 Page - Analog Devices

Part # LT8350SAVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350SAVPBF Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8350SAVPBF Datasheet HTML 12Page - Analog Devices LT8350SAVPBF Datasheet HTML 13Page - Analog Devices LT8350SAVPBF Datasheet HTML 14Page - Analog Devices LT8350SAVPBF Datasheet HTML 15Page - Analog Devices LT8350SAVPBF Datasheet HTML 16Page - Analog Devices LT8350SAVPBF Datasheet HTML 17Page - Analog Devices LT8350SAVPBF Datasheet HTML 18Page - Analog Devices LT8350SAVPBF Datasheet HTML 19Page - Analog Devices LT8350SAVPBF Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Data Sheet
LT8350S
analog.com
Rev. A
16 of 36
PIN
NAME
DESCRIPTION
9
VREF
Voltage Reference Output Pin. The VREF pin provides an accurate 2V reference
capable of supplying up to 2mA current. It can be used to supply resistor networks
to set the voltages at the CTRL pin. An optional bypass capacitor to GND can be
placed on this pin close to the package.
10
ISMON
ISP/ISN Current Monitor Output Pin. The ISMON pin generates a buffered voltage
that is equal to ten times V(ISP-ISN) plus 0.25V offset voltage. The voltage on the
ISMON pin will be 1.25V when V(ISP-ISN) is equal to 100mV full-scale.
11
ISP
Positive Terminal of ISP/ISN Current Sense Resistor (RIS). Ensure accurate current
sense with Kelvin connection.
12
ISN
Negative Terminal of ISP/ISN Current Sense Resistor (RIS). Ensure accurate current
sense with Kelvin connection.
13
CTRL
Control Input for ISP/ISN Current Sense Threshold. The CTRL pin is used to
program the ISP/ISN regulation current. The VCTRL can be set by an external voltage
reference or a resistor divider from VREF to ground. Connect the CTRL pin to VREF for
a 100mV full-scale threshold or force below 0.1V to stop switching. See the
Applications Information section for the Programming Input or Output Current Limit.
14
FB
Voltage Loop Feedback Input. The FB pin is used for constant voltage regulation
and output fault protection. See the Applications Information section for
Programming Output Voltage and Thresholds.
15
VC
Error Amplifier Output to Set Inductor Current Comparator Threshold. The VC pin
is used to compensate the control loop with an external resistor–capacitor (RC)
network. During the LOADEN low state, the VC pin is disconnected from all internal
loads to store its voltage information.
16
PGOOD
Power Good Open Drain Output. The PGOOD pin is pulled low when the FB pin is
within ±10% of the final regulation voltage. To function, this pin requires an
external pull-up resistor.
17
SS
The SS pin is used to set a soft-start timer by connecting a capacitor to ground. An
internal 12.5µA pull-up current charging the external SS capacitor gradually ramps
up FB regulation voltage. Any UVLO or thermal shutdown immediately pulls this
pin to ground to stop switching. See the Applications Information section for Start-
Up and Fault Protection.
18
RT
Switching Frequency Setting. Connect a resistor from this pin to ground to set the
internal oscillator frequency from 200kHz to 2MHz.
19
SYNC/MODE
External Switching Frequency Synchronization and Operation Mode Selection. This
pin allows five selectable modes for optimizing performance. See the Applications
Information section for Frequency Synchronization and Operation Mode Selection.
20
CLKOUT
Clock output. The CLKOUT pin provides a 50% duty cycle square wave with 180°
out of phase with the system clock. This allows synchronization with other
regulators. Float this pin if the CLKOUT function is not used.
21
EXTVCC
Second Input Supply for Powering INTVCC. The part intelligently chooses either VIN
or EXTVCC for INTVCC LDO to improve efficiency. Connect this pin to GND if not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com