Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350SAVPBF Datasheet(PDF) 30 Page - Analog Devices

Part # LT8350SAVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350SAVPBF Datasheet(HTML) 30 Page - Analog Devices

Back Button LT8350SAVPBF Datasheet HTML 26Page - Analog Devices LT8350SAVPBF Datasheet HTML 27Page - Analog Devices LT8350SAVPBF Datasheet HTML 28Page - Analog Devices LT8350SAVPBF Datasheet HTML 29Page - Analog Devices LT8350SAVPBF Datasheet HTML 30Page - Analog Devices LT8350SAVPBF Datasheet HTML 31Page - Analog Devices LT8350SAVPBF Datasheet HTML 32Page - Analog Devices LT8350SAVPBF Datasheet HTML 33Page - Analog Devices LT8350SAVPBF Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Data Sheet
LT8350S
analog.com
Rev. A
30 of 36
The presence of a time varying differential voltage ripple signal across ISP and ISN at the switching frequency is
expected. The amplitude of this signal is increased by a higher load current, lower switching frequency, or smaller
value output filter capacitor. Some level of ripple signal is acceptable, and the compensation capacitor on the VC
pin filters the signal so the average difference between ISP and ISN is regulated to the user-programmed value. The
ripple voltage amplitude (peak-to-peak) in excess of 20mV should not cause misoperation but may lead to a
noticeable offset between the average value and the user-programmed value.
ISMON Current Monitor
The ISMON pin provides a buffered monitor output of the current flowing through the ISP/ISN current sense
resistor, RIS. The ISMON voltage is calculated as:
VISMON = 10 x V(ISP-ISN) + 250mV
Since the ISMON pin has the same 0.25V offset as the CTRL pin, the primary LT8350S ISMON pin can be directly
connected to the secondary LT8350S pin for equal current sharing in parallel applications.
LOAD Switch control
The LOADEN and LOADTG pins provide high-side p-channel metal-oxide semiconductor (PMOS) load switch
control. The LOADEN pin accepts a logic level ON/OFF signal and then drives the LOADTG pin to turn on or off the
high-side PMOS load switch, thereby connecting or disconnecting the LT8350S power output from the system
output. When the LOADEN pin is forced low, the LT8350S turns off power switches, disconnects the VC pin from all
internal loads, and turn off LOADTG. The LOADEN pin should not be open (connect to INTVCC or VREF if not used).
High Side PMOS Load Switch Selection
A high-side PMOS load switch is recommended in some LT8350S applications requiring load switch control. The
high-side PMOS load switch is typically selected for drain-source voltage VDS, gate-source threshold voltage VGS(TH),
and continuous drain current ID. For proper operations, VDS rating should exceed the maximum output voltage set
by the FB pin, the absolute value of VGS(TH) should be less than 3V, and ID rating should be above IOUT(MAX).
Programming Output Voltage and Thresholds
The LT8350 has a voltage feedback pin FB that can be used to program a constant-voltage output. The internal
error amplifier with its output VC regulates VFB to 1V through the DC/DC converter.
The output voltage can be set by selecting the values of R3 and R4 (Figure 40) according to the following equation:
VOUT = 1V ×
R3 + R4
R4
Figure 40. Feedback Resistor Connection
FB
LT8350S
GND
R4
R3
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com