Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350SAVPBF Datasheet(PDF) 21 Page - Analog Devices

Part # LT8350SAVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350SAVPBF Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8350SAVPBF Datasheet HTML 17Page - Analog Devices LT8350SAVPBF Datasheet HTML 18Page - Analog Devices LT8350SAVPBF Datasheet HTML 19Page - Analog Devices LT8350SAVPBF Datasheet HTML 20Page - Analog Devices LT8350SAVPBF Datasheet HTML 21Page - Analog Devices LT8350SAVPBF Datasheet HTML 22Page - Analog Devices LT8350SAVPBF Datasheet HTML 23Page - Analog Devices LT8350SAVPBF Datasheet HTML 24Page - Analog Devices LT8350SAVPBF Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Data Sheet
LT8350S
analog.com
Rev. A
21 of 36
(2) Peak-Buck in Buck-Boost Region (VIN ~> VOUT)
When VIN is slightly higher than VOUT, the LT8350S uses peak-buck current mode control in the buck-boost region (See
Figure 32). In each switching cycle, switch C is turned on for the beginning 20% of the cycle and switch D is turned on
for the remaining 80% of the cycle. At the beginning of every cycle, switches A and C are turned on and the inductor
current ramps up. After a 20% cycle, switch C is turned off, switch D is turned on, and the inductor keeps ramping up.
When the inductor current hits the peak buck current threshold commanded by VC voltage at buck current
comparator A1 during the (A + D) phase, switch A is turned off and switch B is turned on for the rest of the cycle.
Figure 32. Peak-Buck in Buck-Boost Region (VIN~>VOUT)
(3) Peak-Boost in Buck-Boost Region (VIN <~ VOUT)
When VIN is slightly lower than VOUT, the LT8350S uses peak-boost current mode control in the buck-boost region (See
Figure 33). In each switching cycle, switch A is turned on for the beginning 80% of the cycle and switch B is turned on
for the remaining 20% of the cycle. At the beginning of every cycle, switches A and C are turned on and the inductor
current ramps up. When the inductor current hits the peak-boost current threshold commanded by VC voltage at
boost current comparator A2 during the (A + C) phase, switch C is turned off, and switch D is turned on for the rest of
the cycle. After the 80% cycle, switch A is turned off and switch B is turned on for the rest of the cycle.
Figure 33. Peak-Boost in Buck-Boost Region (VIN<~VOUT)
A + C
B + D
A
B
C
D
IL
20%
20%
80%
80%
A + D
A + C
B + D
A + D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com