Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350SAVPBF Datasheet(PDF) 15 Page - Analog Devices

Part # LT8350SAVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350SAVPBF Datasheet(HTML) 15 Page - Analog Devices

Back Button LT8350SAVPBF Datasheet HTML 11Page - Analog Devices LT8350SAVPBF Datasheet HTML 12Page - Analog Devices LT8350SAVPBF Datasheet HTML 13Page - Analog Devices LT8350SAVPBF Datasheet HTML 14Page - Analog Devices LT8350SAVPBF Datasheet HTML 15Page - Analog Devices LT8350SAVPBF Datasheet HTML 16Page - Analog Devices LT8350SAVPBF Datasheet HTML 17Page - Analog Devices LT8350SAVPBF Datasheet HTML 18Page - Analog Devices LT8350SAVPBF Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Data Sheet
LT8350S
analog.com
Rev. A
15 of 36
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
PIN DESCRIPTIONS
Table 6. Pin Descriptions
PIN
NAME
DESCRIPTION
2, 3
VIN
Input Voltage Pin. The VIN pin supplies the internal circuitry and connects to the
power input of the converter. Bypass this pin to ground with a ceramic capacitor.
The bypass capacitor should be placed as close to the chip as possible with vias
directly down to the ground plane.
5
EN/UVLO
Enable and Undervoltage Lockout Pin. Force the pin below 0.3V to shut down the
chip. Force the pin above 1.235V (typical) for normal operation. If neither function
is used, connect this pin directly to VIN. See the Applications Information section for
Programming VIN UVLO.
6
INTVCC
Internal 3.6V Linear Regulator Output Pin. Powered from the VIN pin, the INTVCC
supplies the internal control circuitry and gate drivers. Do not force any voltage on
this pin. Place a 1μF bypass capacitor to GND close to the package.
7
RP
Factory Test Pin. Always connect this pin to INTVCC.
8
LOADEN
Load Switch Enable Input. The LOADEN pin controls the ON/OFF of the high-side
PMOS load switch. If the load switch control is not used, connect this pin to VREF or
INTVCC. Forcing the pin low turns off all power switches, disconnects the VC pin
from all internal loads, and turns off LOADTG.
LT8350S
TOP VIEW
(Not to Scale)
VOUT
VIN
VIN
ISMON
VREF
LOADEN
RP
INTVCC
EN/UVLO
2
31
30
29
28
27
11
12
13
14
15
16
3
5
6
7
8
9
10
32
25
24
22
21
20
19
18
17
33
GND
34
GND
35
GND
36
GND
LQFN PACKAGE
32-LEAD (6mm × 4mm × 0.94mm)
EXPOSED PAD (PINS 33, 34, 35, 36) ARE GND, MUST BE SOLDERED TO PCB
VOUT
LOADTG
EXTVCC
CLKOUT
SYNC/MODE
RT
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com