Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350SAVPBF Datasheet(PDF) 31 Page - Analog Devices

Part # LT8350SAVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350SAVPBF Datasheet(HTML) 31 Page - Analog Devices

Back Button LT8350SAVPBF Datasheet HTML 27Page - Analog Devices LT8350SAVPBF Datasheet HTML 28Page - Analog Devices LT8350SAVPBF Datasheet HTML 29Page - Analog Devices LT8350SAVPBF Datasheet HTML 30Page - Analog Devices LT8350SAVPBF Datasheet HTML 31Page - Analog Devices LT8350SAVPBF Datasheet HTML 32Page - Analog Devices LT8350SAVPBF Datasheet HTML 33Page - Analog Devices LT8350SAVPBF Datasheet HTML 34Page - Analog Devices LT8350SAVPBF Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Data Sheet
LT8350S
analog.com
Rev. A
31 of 36
In addition, the FB pin also sets the output overvoltage threshold, output power good thresholds, and output short
threshold. For an application with small output capacitors, the output voltage may exhibit considerable overshoots
during a load transient event. Once the FB pin hits its overvoltage threshold of 1.1V, the LT8350S stops switching by
turning off all four power switches and turns off LOADTG to disconnect the output load for protection.
The output overvoltage threshold can be set as follows:
VOUT(OVP) = 1.1V x
R3 + R4
R4
To provide the output short-circuit detection and protection, when the FB pin hits VFB < 0.25V, the output short
threshold can be set as follows:
VOUT(SHORT) = 0.25V x
R3 + R4
R4
Power Good (PGOOD) Pin
The LT8350S provides an open-drain status pin, PGOOD, which is pulled low when VFB is within ±10% of the 1V
regulation voltage. The PGOOD pin is allowed to be pulled up by an external resistor to INTVCC or an external
voltage source of up to 5V.
Soft-Start and Fault Protection
As shown in Figure 35 and explained in the Operation section, the SS pin can be used to program soft-start by
connecting an external capacitor from the SS pin to ground. The internal 12.5µA pull-up current charges up the
capacitor, creating a voltage ramp on the SS pin. As the SS pin voltage rises linearly from 0.25V to 1V (and beyond),
the output voltage rises smoothly and transitions into its final voltage regulation. The soft-start time can be
calculated as:
tSS = 1V x
CSS
12.5µA
Ensure the CSS is at least five to ten times larger than the compensation capacitor on the VC pin for a well-controlled
output voltage soft-start. A 22nF ceramic capacitor is a good starting point.
The SS pin is also used as a fault timer. Once a short-circuit fault is detected, a 1.25µA pull-down current source is
activated. Using a single resistor from the SS pin to the VREF pin, the LT8350S can be set to three different fault
protection modes: hiccup (no resistor), latch-off (499kΩ), and keep-running (100kΩ).
With a 100kΩ resistor in keep-running mode, the LT8350S continues switching normally and regulates the current
into ground. With a 499kΩ resistor in latch-off mode, the LT8350S stops switching until the EN/UVLO pin is pulled
low and high to restart. With no resistor in hiccup mode, the LT8350S enters low-duty cycle auto-retry operation.
The 1.25µA pull-down current discharges the SS pin to 0.2V, and then the 12.5µA pull-up current charges the SS pin
up. If the short-circuit condition has not been removed when the SS pin reaches 1.75V, the 1.25µA pull-down
current turns on again, initiating a new hiccup cycle. This will continue until the fault is removed. Once the output
short-circuit condition is removed, the output will have a smooth short-circuit recovery due to soft-start.
Loop Compensation
The LT8350S uses an internal transconductance error amplifier, the output of which, VC, compensates the control
loop. The external inductor, output capacitor, and compensation resistor and capacitor determine the loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com