Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350SAVPBF Datasheet(PDF) 24 Page - Analog Devices

Part # LT8350SAVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350SAVPBF Datasheet(HTML) 24 Page - Analog Devices

Back Button LT8350SAVPBF Datasheet HTML 20Page - Analog Devices LT8350SAVPBF Datasheet HTML 21Page - Analog Devices LT8350SAVPBF Datasheet HTML 22Page - Analog Devices LT8350SAVPBF Datasheet HTML 23Page - Analog Devices LT8350SAVPBF Datasheet HTML 24Page - Analog Devices LT8350SAVPBF Datasheet HTML 25Page - Analog Devices LT8350SAVPBF Datasheet HTML 26Page - Analog Devices LT8350SAVPBF Datasheet HTML 27Page - Analog Devices LT8350SAVPBF Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Data Sheet
LT8350S
analog.com
Rev. A
24 of 36
In output short conditions, the LT8350S can be set to hiccup, latch-off, or keep-running fault protection mode with a
resistor between the SS and VREF pins. Without any resistor, the LT8350S will hiccup between 0.2V and 1.75V and go
around the UP/RUN, OK/RUN, FAULT/RUN, and DOWN/STOP states until the fault condition is cleared. With a 499kΩ
resistor, the LT8350S will latch off until the EN/UVLO is toggled. With a 100kΩ resistor, the LT8350S will keep running
regardless of the fault.
Figure 35. Start-Up and Fault Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com