Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350SAVPBF Datasheet(PDF) 29 Page - Analog Devices

Part # LT8350SAVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350SAVPBF Datasheet(HTML) 29 Page - Analog Devices

Back Button LT8350SAVPBF Datasheet HTML 25Page - Analog Devices LT8350SAVPBF Datasheet HTML 26Page - Analog Devices LT8350SAVPBF Datasheet HTML 27Page - Analog Devices LT8350SAVPBF Datasheet HTML 28Page - Analog Devices LT8350SAVPBF Datasheet HTML 29Page - Analog Devices LT8350SAVPBF Datasheet HTML 30Page - Analog Devices LT8350SAVPBF Datasheet HTML 31Page - Analog Devices LT8350SAVPBF Datasheet HTML 32Page - Analog Devices LT8350SAVPBF Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Data Sheet
LT8350S
analog.com
Rev. A
29 of 36
The maximum steady ripple due to the voltage drop across the ESR is given by:
ΔVERS(BOOST) =
VOUT x IOUT(MAX)
VIN(MIN)
x ESR
ΔVERS(BUCK) =
VOUT x (1 -
VOUT
VIN(MIN) )
L x fSW
x ESR
Programming V
IN UVLO
A resistor divider from VIN to the EN/UVLO pin implements VIN undervoltage lockout (UVLO). The EN/UVLO enable
falling threshold is set at 1.220V with 15mV hysteresis. In addition, the EN/UVLO pin sinks 2.5µA when the voltage
on the pin is below 1.220V. This current provides user-programmable hysteresis based on the value of R1. A resistor
divider from VIN to ground can be used to program UVLO. The programmable UVLO thresholds are:
VIN(UVLO+) = 1.235V x
R1 + R2
R2
+ (2.5µA x R1)
VIN(UVLO-) = 1.220V x
R1 + R2
R2
Figure 39 shows the implementation of external shutdown control while still using the UVLO function. The NMOS
grounds the EN/UVLO pin when turned on and puts the LT8350S in shutdown with a quiescent current of less than
2µA (typical).
Figure 39. VIN Undervoltage Lockout
Programming Input or Output Current Limit
The input or output current limit is programmed by placing an appropriate value current sense resistor, RIS, in the
input or output power path. The voltage drop across RIS is Kelvin sensed by the ISP and ISN pins. The CTRL pin
should be connected to a voltage higher than 1.35V to get the full-scale 100mV (typical) threshold across the sense
resistor. The CTRL pin can be used to reduce the input or output current to zero, although relative accuracy
decreases with the decreasing sense threshold. For 0.25V ≤ VCTRL ≤ 1.15V, the current sense threshold linearly goes
up from 0mV to 90mV. For 1.15V ≤ VCTRL ≤ 1.35V, the current sense threshold smoothly transitions from the linear
function of VCTRL to the 100mV constant value. When the CTRL pin voltage, VCTRL, is less than 1.15V, the current
limit is:
IIS(MAX) =
VCTRL - 0.25V
10 x RIS
When VCTRL is higher than 1.35V, the current threshold is regulated to:
IIS(MAX) =
100mV
RIS
The CTRL pin should not be left open (tie to VREF if not used). The CTRL pin can also be used in conjunction with a
thermistor to provide overtemperature protection for the output load, or with a resistor divider to VIN to reduce
output power and switching current when VIN is low.
EN/UVLO
LT8350S
GND
R2
R1
VIN
RUN/STOP
CONTROL
(OPTIONAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com