Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350SAVPBF Datasheet(PDF) 35 Page - Analog Devices

Part # LT8350SAVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350SAVPBF Datasheet(HTML) 35 Page - Analog Devices

Back Button LT8350SAVPBF Datasheet HTML 28Page - Analog Devices LT8350SAVPBF Datasheet HTML 29Page - Analog Devices LT8350SAVPBF Datasheet HTML 30Page - Analog Devices LT8350SAVPBF Datasheet HTML 31Page - Analog Devices LT8350SAVPBF Datasheet HTML 32Page - Analog Devices LT8350SAVPBF Datasheet HTML 33Page - Analog Devices LT8350SAVPBF Datasheet HTML 34Page - Analog Devices LT8350SAVPBF Datasheet HTML 35Page - Analog Devices LT8350SAVPBF Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
Data Sheet
LT8350S
analog.com
Rev. A
35 of 36
ORDERING INFORMATION
PART NUMBER
PAD OR
BALL
FINISH
PART MARKING*
PACKAGE TYPE**
MSL
RATING
TEMPERATURE
RANGE
DEVICE
FINISH CODE
LT8350SAV#PBF
Au (RoHS)
8350S
e4
LQFN (Laminate
Package with QFN
Footprint)
3
-40°C to 125°C
AUTOMOTIVE PRODUCTS
LT8350SAV#WPBF Au (RoHS)
8350S
e4
LQFN (Laminate
Package with QFN
Footprint)
3
-40°C to 125°C
Recommended LGA and BGA PCB Assembly and Manufacturing Procedures
LGA and BGA Package and Tray Drawings
*Pad or ball finish code is per IPC/JEDEC J-STD-609. Parts ending with PBF are RoHS and WEEE compliant.
**The LT8350S package has the same footprint as a standard 4mm x 6mm QFN package and is pin to pin
compatible with LT8350.
***Versions of this part are available with controlled manufacturing to support the quality and reliability
requirements of automotive applications. These models are designated with a #W suffix. Only the automotive
grade products shown are available for use in automotive applications. Contact your local Analog Devices
account representative for specific product ordering information and to obtain the specific Automotive
Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com