Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8350SAVPBF Datasheet(PDF) 22 Page - Analog Devices

Part # LT8350SAVPBF
Description  40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher® 2
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8350SAVPBF Datasheet(HTML) 22 Page - Analog Devices

Back Button LT8350SAVPBF Datasheet HTML 18Page - Analog Devices LT8350SAVPBF Datasheet HTML 19Page - Analog Devices LT8350SAVPBF Datasheet HTML 20Page - Analog Devices LT8350SAVPBF Datasheet HTML 21Page - Analog Devices LT8350SAVPBF Datasheet HTML 22Page - Analog Devices LT8350SAVPBF Datasheet HTML 23Page - Analog Devices LT8350SAVPBF Datasheet HTML 24Page - Analog Devices LT8350SAVPBF Datasheet HTML 25Page - Analog Devices LT8350SAVPBF Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Data Sheet
LT8350S
analog.com
Rev. A
22 of 36
(4) Peak-Boost in Boost Region (VIN << VOUT)
When VIN is much lower than VOUT, the LT8350S uses peak-boost current mode control in the boost region (See Figure
34). Switch A is always on, and switch B is always off. At the beginning of every cycle, switch C is turned on, and the
inductor current ramps up. When the inductor current hits the peak-boost current threshold commanded by VC
voltage at boost current comparator A2 during the (A + C) phase, switch C is turned off, and switch D is turned on for
the rest of the cycle. Switches C and D will alternate, behaving like a typical synchronous boost regulator.
Figure 34.Peak-Boost in Boost Region (VIN<<VOUT)
Main Control Loop
The LT8350S is a fixed frequency current mode DC/DC converter. The inductor current is directly sensed across the
internal switch A. The current sense voltage is added to a slope compensation ramp signal from the internal
oscillator. The summing signal is then fed into the positive terminals of the buck current comparator A1 and boost
current comparator A2. The negative terminals of A1 and A2 are controlled by the voltage on the VC pin, which is the
diode-OR of error amplifiers EA1 and EA2.
Depending on the state of the peak-buck peak-boost current mode control, either the buck logic or the boost logic is
controlling the four power switches so that either the FB voltage is regulated to 1V or the current sense voltage
between the ISP and ISN pins is regulated by the CTRL pin during normal operation. The gains of EA1 and EA2 have
been balanced to ensure a smooth transition between constant-voltage and constant-current operation with the
same compensation network.
Light Load Current Operation
At light load, the LT8350S can be configured to operate in forced continuous conduction mode or discontinuous
conduction mode. The LT8350S runs at their full switching frequency in force continuous conduction mode.
In discontinuous conduction mode, both buck and boost reverse current sense thresholds are set to be positive, thus
preventing any reverse current flowing from the output to the input. In the buck region, switch B is turned off
whenever the buck reverse current threshold is triggered during the (B + D) phase. In the boost region, switch D is
turned off whenever the boost reverse current threshold is triggered during the (A + D) phase. In the buck-boost
region, switch D is turned off whenever the boost reverse current threshold is triggered during the (A + D) phase, and
both switches B and D are turned off whenever the buck reverse current threshold is triggered during the (B + D)
phase. As the load becomes lower and lower, or when a smaller value inductor is used and the inductor current ripple
is bigger, the LT8350S may run in pulse-skipping mode, where the switches are held off for multiple cycles (i.e.,
skipping pulses) to maintain the regulation.
A + C
A + D
A + C
A + D
100% ON
100% OFF
A
B
C
D
IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com