Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7204E Datasheet (PDF) - Richtek Technology Corporation

RT7204E Datasheet PDF - Richtek Technology Corporation
Part # RT7204E
Download  RT7204E Download
File Size   1250.96 Kbytes
Page   45 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High-Integration USB Multi-Protocol Controller with Rectification Detection

RT7204E Datasheet (PDF)

Go To PDF Page Download Datasheet
RT7204E Datasheet PDF - Richtek Technology Corporation

Part # RT7204E
Download  RT7204E Click to download

File Size   1250.96 Kbytes
Page   45 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High-Integration USB Multi-Protocol Controller with Rectification Detection

RT7204E Datasheet (HTML) - Richtek Technology Corporation


RT7204E Product details

1 General Description
The RT7204E is a highly integrated, programmable
controller that offers multi-protocol support and
features high-precision shunt regulators for constant
voltage (CV) and constant current (CC) regulation. An
embedded MCU is designed to handle customized
functions with flexibility, ensuring compatibility with
USB PD protocol, Universal Fast Charging
Specification (UFCS), and proprietary protocols via the
CC1, CC2, D+, and D- interface.
This controller is specifically designed for off-line ACDC converters to achieve the high power density of a
fast charging system. The RT7204E is equipped with
rectification detection to sense the AC input voltage
and adaptively configure the power rating. Additionally,
it monitors the PWM switching state to detect AC OFF
conditions. For safety considerations, the RT7204E
provides comprehensive protections, including Limited
Power Source (LPS) protection and precise internal
Over-Temperature Protection (OTP). Furthermore, the
RT7204E can also share the output power through I2C
communication for multi-port applications.
The recommended junction temperature range is
−40C to 125C, and the ambient temperature range
is −40C to 105C.

2 Applications
⚫ USB Type-C Controller in Source Applications for
Single-Port or Multi-Port Charger / Adapters of
Smartphone, Tablet, Notebook, and Other
Electronics

3 Features
⚫ Protocol Support
⚫ USB PD 3.1 and PPS
⚫ Universal Fast Charging Specification (UFCS)
⚫ Proprietary Protocols
⚫ Highly Integrated
⚫ Suited for 3V to 21V VDD Range
⚫ Built-In Shunt Regulators for Constant
Voltage and Constant Current Control
⚫ Built-In 11-bit Analog-to-Digital Converter
(ADC)
⚫ Built-In Linear Regulator
⚫ Built-In Blocking N-MOSFET Driver with SoftStart for Capacitive Load
⚫ VDD Quick Discharge for Output Capacitor
⚫ Built-In Output Bleeder for Quick VBUS
Discharge
⚫ Support High-Side Current Sensing
⚫ Support Programmable Cable Compensation
⚫ Support Input Voltage (VIN) Detection
⚫ Support Slave I2C Communication
⚫ Built-In VCONN Power and Switches
⚫ <5mA Operating Current in Normal Mode
⚫ <2mA Operating Current in Idle Mode
⚫ <1mA Operating Current in Green Mode
⚫ Protection
⚫ VDD Adaptive Output Overvoltage Protection
⚫ VDD Adaptive Undervoltage Protection
⚫ USBP Undervoltage Protection
⚫ CC1/CC2/D+/D-/RT/VTR/GPIO Overvoltage
Protection
⚫ Short-Circuit Protection
⚫ Overcurrent Protection
⚫ Constant Current Protection
⚫ Over-Temperature Protection
⚫ Limited Power Source (LPS) Protection
⚫ Internal Over-Temperature Protection




Similar Part No. - RT7204E

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RT72019PN AMPHENOL-RT72019PN Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT72019PW AMPHENOL-RT72019PW Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT72019PX AMPHENOL-RT72019PX Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT72019SN AMPHENOL-RT72019SN Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT72019SW AMPHENOL-RT72019SW Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
More results


Similar Description - RT7204E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68606 MOTOROLA-MC68606 Datasheet
94Kb / 2P
Multi-Link LAPD(MLAPD) Protocol Controller
logo
NXP Semiconductors
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
Multi-protocol communications controller MPCC
1995 May 01
SCN2652 PHILIPS-SCN2652 Datasheet
651Kb / 28P
Multi-protocol communications controller (MPCC)
1995 May 01
logo
Intel Corporation
8274 INTEL-8274 Datasheet
2Mb / 39P
MULTI-PROTOCOL SERIAL CONTROLLER (MPSC)
logo
Monolithic Power System...
MP5034 MPS-MP5034 Datasheet
1Mb / 15P
USB Charging Port Controller Integrating QC 3.0 Protocol
logo
Richtek Technology Corp...
RT7207K RICHTEK-RT7207K Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Rectification
RT7207KB RICHTEK-RT7207KB Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Highly Integration USB PD Controller with Synchronous
logo
Shenzhen Huazhimei Semi...
HM7901 HMSEMI-HM7901 Datasheet
859Kb / 8P
USB charging protocol port controller
logo
Qorvo, Inc
QPG7015M QORVO-QPG7015M Datasheet
231Kb / 4P
Multi-Protocol Multi-Channel Communications Controller
logo
Richtek Technology Corp...
RT7208EB RICHTEK-RT7208EB Datasheet
2Mb / 51P
High-Integration USB PD Controller with Internal Feedback Compensation and Synchronous Rectification for ZVS Control
August 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com