Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7204E Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT7204E
Description  High-Integration USB Multi-Protocol Controller with Rectification Detection
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7204E Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT7204E Datasheet HTML 1Page - Richtek Technology Corporation RT7204E Datasheet HTML 2Page - Richtek Technology Corporation RT7204E Datasheet HTML 3Page - Richtek Technology Corporation RT7204E Datasheet HTML 4Page - Richtek Technology Corporation RT7204E Datasheet HTML 5Page - Richtek Technology Corporation RT7204E Datasheet HTML 6Page - Richtek Technology Corporation RT7204E Datasheet HTML 7Page - Richtek Technology Corporation RT7204E Datasheet HTML 8Page - Richtek Technology Corporation RT7204E Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
F
RT7204E
Copyright © 2024 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
RT7204E_DS-00
May 2024
www.richtek.com
5
8.1
IO Type Definition
⚫
PWR: Power Pin
⚫
GND: Ground Pin
⚫
AO: Analog Output Pin
⚫
AI: Analog Input Pin
⚫
A IO: Analog Input/Output Pin
⚫
D IO: Digital Input/Output Pin
⚫
A/D IO: Analog/Digital Input/Output Pin
⚫
NC: No Connection Pin
Pin No.
Pin Name
Type
Pin Function
16
D+
A/D IO
USB D+ channel for BC1.2 and proprietary protocols. Can be
configured as I2C-SCL, UART_TX/UART_RX, and ADC input.
17
D-
A/D IO
USB D- channel for BC1.2 and proprietary protocols. Can be configured
as I2C-SDA, UART_TX/UART_RX, and ADC input.
19
VBUS
A IO
VBUS sensing and bleeder connection node to provide another path to
discharge the VBUS capacitor. Can be configured as ADC input.
20
USBP
D IO
Control signal of the blocking N-MOSFET.
22
CS-
AI
Negative input of a current-sense amplifier for output current sensing.
23
CS+
AI
Positive input of a current-sense amplifier for output current sensing.
25
(Exposed Pad)
GND
GND
Power ground. The exposed pad must be connected to GND and well
soldered to a large PCB copper area for maximum power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com