Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7204E Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT7204E
Description  High-Integration USB Multi-Protocol Controller with Rectification Detection
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7204E Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT7204E Datasheet HTML 9Page - Richtek Technology Corporation RT7204E Datasheet HTML 10Page - Richtek Technology Corporation RT7204E Datasheet HTML 11Page - Richtek Technology Corporation RT7204E Datasheet HTML 12Page - Richtek Technology Corporation RT7204E Datasheet HTML 13Page - Richtek Technology Corporation RT7204E Datasheet HTML 14Page - Richtek Technology Corporation RT7204E Datasheet HTML 15Page - Richtek Technology Corporation RT7204E Datasheet HTML 16Page - Richtek Technology Corporation RT7204E Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
F
RT7204E
Copyright © 2024 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
RT7204E_DS-00
May 2024
www.richtek.com
13
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Register-Programmable
USBP Soft-Start Time
tUSBP_SS
Default is disabled
(Note 6)
000
0.9
1
1.1
ms
001
1.8
2
2.2
010
3.6
4
4.4
011
7.2
8
8.8
100
14.4
16
17.6
101
28.8
32
35.2
110
57.6
64
70.4
111
115.2
128
140.8
VTR Section
VTR Divider Resistance
for Rectification
Detection
RVTR_L
1. RVTR_H / RVTR_L = 29,
RVTR_H is the divider resistor
from SR MOSFET drain to the
VTR pin
2.
Disable/enable by register
4.91
5.17
5.43
k
VTR Falling Edge
Threshold for
Rectification Detection
VVTR_EDGE
25
60
95
mV
Register-Programmable
VTR Low Blanking Time
tVTR_L_BLK
VVTR < VVTR_EDGE
(Note 6)
000
0.4
0.5
0.6
s
001
0.6
0.7
0.8
010
0.8
0.9
1
011
1
1.1
1.2
100
1.6
1.7
1.8
101
1.8
1.9
2
110
2
2.1
2.2
111
2.2
2.3
2.4
VTR Overvoltage
Protection Threshold
VVTR_OVP
1. The blocking MOSFET can
be turned off or left on based
on the register setting
2. Send a flag to MCU
3. VDD > VVDD_IOOVP_EN
4. Disable/enable by register
4.6
4.85
5.1
V
Register-Programmable
VTR Overvoltage
Protection Deglitch Time
tVTR_OVP
(
Note 6)
0
0.09
0.1
0.11
ms
1
0.9
1
1.1
Thermal Sensor Section
Thermal Sensor Error
25°C to 105°C
(Note 6)
−7
--
7
°C
Note 6. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com