Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7204E Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT7204E
Description  High-Integration USB Multi-Protocol Controller with Rectification Detection
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7204E Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT7204E Datasheet HTML 6Page - Richtek Technology Corporation RT7204E Datasheet HTML 7Page - Richtek Technology Corporation RT7204E Datasheet HTML 8Page - Richtek Technology Corporation RT7204E Datasheet HTML 9Page - Richtek Technology Corporation RT7204E Datasheet HTML 10Page - Richtek Technology Corporation RT7204E Datasheet HTML 11Page - Richtek Technology Corporation RT7204E Datasheet HTML 12Page - Richtek Technology Corporation RT7204E Datasheet HTML 13Page - Richtek Technology Corporation RT7204E Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
RT7204E
F
Copyright © 2024 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
RT7204E_DS-00
May 2024
10
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Register-Programmable
GPIO2 Internal Bias
Current
IGP2_BIAS
VDD > 3V
0
95
100
105
A
1
18
20
22
Register-Programmable
GPIO3 Internal Bias
Current
IGP3_BIAS
VDD > 3V
90
100
110
A
GPIO1/GPIO2/GPIO3
Overvoltage Protection
Threshold
VGP_OVP
1. The blocking MOSFET can
be turned off or left on based
on the register setting
2. Send a flag to MCU
3. VDD > VVDD_IOOVP_EN
4. Disable/enable by register
4.6
4.85
5.1
V
GPIO1/GPIO2/GPIO3
Overvoltage Protection
Deglitch Time
tGP_OVP
(Note 6)
0
0.09
0.1
0.11
ms
1
0.9
1
1.1
I2C High-Level Input
Threshold Voltage
VIH_I2C
1.3
--
--
V
I2C Low-Level Input
Threshold Voltage
VIL_I2C
--
--
0.4
V
D+ and D- Section
Register-Programmable
DP/DM Pull-Low
Resistance
RDPDM_L
16
20
24
k
Register-Programmable
DP/DM Leakage
Resistance
RDPDM_LKG
300
900
1500
k
Register-Programmable
DP/DM Output High
Voltage
VDPDM_OH
VDD = 5V, RL = 15k
2.97
3.3
3.63
V
DP/DM Output Low
Voltage
VDPDM_OL
RL = 15k
--
--
0.2
V
Register-Programmable
DP/DM Input High
Threshold Voltage
VDPDM_IH
00
1.1
1.2
1.3
V
01
1.2
1.3
1.4
10
2
2.1
2.2
Register-Programmable
DP/DM Input Low
Threshold Voltage
VDPDM_IL
00
0.9
1
1.1
V
01
1.0
1.1
1.2
10
1.8
1.9
2.0
Register-Programmable
DP/DM Input Deglitch
Time
tDPDM_IN
(Note 6)
00
0.95
1
1.05
s
01
142.5
150
157.5
10
475
500
525
11
950
1000
1050
DP/DM Short Switch
On-Resistance
RDPDM_ON
--
--
40
DP Comparison
Threshold for Cable
Detachment
VDP_CD
Disable/enable cable
detection by register
0.2
0.3
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com