Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7204E Datasheet(PDF) 30 Page - Richtek Technology Corporation

Part # RT7204E
Description  High-Integration USB Multi-Protocol Controller with Rectification Detection
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7204E Datasheet(HTML) 30 Page - Richtek Technology Corporation

Back Button RT7204E Datasheet HTML 26Page - Richtek Technology Corporation RT7204E Datasheet HTML 27Page - Richtek Technology Corporation RT7204E Datasheet HTML 28Page - Richtek Technology Corporation RT7204E Datasheet HTML 29Page - Richtek Technology Corporation RT7204E Datasheet HTML 30Page - Richtek Technology Corporation RT7204E Datasheet HTML 31Page - Richtek Technology Corporation RT7204E Datasheet HTML 32Page - Richtek Technology Corporation RT7204E Datasheet HTML 33Page - Richtek Technology Corporation RT7204E Datasheet HTML 34Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
RT7204E
F
Copyright © 2024 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
RT7204E_DS-00
May 2024
30
15.4
External Temperature Sensing
As shown in Figure 2, the RT7204E provides the RT pin as a register-programmable current source to bias a
remote thermal sensor, such as a thermistor (NTC). If the RT voltage falls below the over-temperature protection
(OTP) threshold and the condition sustains for a programmed delay time, the OTP will be triggered.
DOL
DI
RT
IBIAS_RT
MCU
RNTC
RT BIAS
11-bit ADC
4V
0: 100μA
1: 20μA
Figure 2. External Temperature Sensing
15.5
Interface of D+ and D-
The D+ and D- pins are used for BC1.2 compliance or for communication with other proprietary protocols. The D+
and D- pins, connected to the MCU via an ADC, can be reprogrammed for other purposes, including acting as
analog or digital inputs or outputs, as shown in Figure 3.
Logic
DPM_O
DPM_I
MCU
11-bit ADC
SHORT SWITCH
DPM_SHORT
D+/D-
3.3V
RDPDM_L
RDPDM_LKG
Figure 3. Interface of D+ and D-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com