Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7204E Datasheet(PDF) 29 Page - Richtek Technology Corporation

Part # RT7204E
Description  High-Integration USB Multi-Protocol Controller with Rectification Detection
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7204E Datasheet(HTML) 29 Page - Richtek Technology Corporation

Back Button RT7204E Datasheet HTML 25Page - Richtek Technology Corporation RT7204E Datasheet HTML 26Page - Richtek Technology Corporation RT7204E Datasheet HTML 27Page - Richtek Technology Corporation RT7204E Datasheet HTML 28Page - Richtek Technology Corporation RT7204E Datasheet HTML 29Page - Richtek Technology Corporation RT7204E Datasheet HTML 30Page - Richtek Technology Corporation RT7204E Datasheet HTML 31Page - Richtek Technology Corporation RT7204E Datasheet HTML 32Page - Richtek Technology Corporation RT7204E Datasheet HTML 33Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
F
RT7204E
Copyright © 2024 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
RT7204E_DS-00
May 2024
www.richtek.com
29
15
Operation
The RT7204E is a highly integrated secondary-side programmable controller, providing various functions and
comprehensive protections for off-line AC-DC converters.
15.1
Power Structure
The RT7204E features internal regulated voltages, V5 and V2, which are derived from VDD supply. These voltages
are utilized to power the internal circuit and the internal microprocessor (MCU), respectively.
15.2
Constant Voltage and Constant Current (CV/CC) Regulators
Two regulators are paralleled and connected to the OPTO pin, an open-drain output. Each feedback loop operates
similarly to the traditional TL431 shunt regulator. However, the VOPTO operating voltage range is broader,
extending from 0.3V to 25V.This extended range facilitates the design of converters with a wider output voltage
range. When the VDD voltage is below the turn-on threshold VVDD_ON, the OPTO pin remains in a high-impedance
state. This feature is critical for ensuring a smooth power-on sequence. The reference voltages, VREF_CV and
VREF_CC, for the voltage and current feedback loops are provided by the analog output voltages of an 11-bit DAC.
With a resolution of 10mV for the DAC
’s CV output voltage, the system is capable of achieving high-precision CV
and CC regulation.
15.3
Current Sense Amplifier
To minimize power loss of the current sense resistor, a low input offset amplifier with voltage gain of 32 is applied.
When the 5m
 (typical) RCS goes with the voltage gain of 32, the resolution of the output current is approximately
6mA. The operation of the CV and CC loops is shown in Figure 1. The sensed output current is amplified by the
current-
sense amplifier as “Io_signal”, which is then sent to the current-loop regulator for constant-current regulation
and also sent to the MCU, by way of an 11-bit ADC for analog-to-digital conversion, to update the output current
status for the MCU.
RFB1
RFB2
ROPTO_VDD
ROPTO_SINK
IOPTO_SINK
VCS_OFFSET
KCS
CS-
CS+
IFB
OPTO
VFB
VDD
VDD
UVLO
VDD
UVLO
VREF_CC
11-bit DAC
Io_signal
VREF_CV
11-bit DAC
+
-
+
-
Figure 1. CV and CC Loops



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com