Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7204E Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT7204E
Description  High-Integration USB Multi-Protocol Controller with Rectification Detection
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7204E Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT7204E Datasheet HTML 5Page - Richtek Technology Corporation RT7204E Datasheet HTML 6Page - Richtek Technology Corporation RT7204E Datasheet HTML 7Page - Richtek Technology Corporation RT7204E Datasheet HTML 8Page - Richtek Technology Corporation RT7204E Datasheet HTML 9Page - Richtek Technology Corporation RT7204E Datasheet HTML 10Page - Richtek Technology Corporation RT7204E Datasheet HTML 11Page - Richtek Technology Corporation RT7204E Datasheet HTML 12Page - Richtek Technology Corporation RT7204E Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
F
RT7204E
Copyright © 2024 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
RT7204E_DS-00
May 2024
www.richtek.com
9
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Maximum Reference
Voltage for CC
Regulator
VREF_CC_MAX
1.862
1.9
1.938
Maximum ADC Sense
Voltage
VADC_MAX
With 11-bit analog to digital
converter
2.178
2.2
2.222
V
OPTO Turn-On Sinking
Current Capability
IOPTO_ON
VDD = 5V, VOPTO = 3V,
VREF_CV = 0.15V
(Note 6)
2
60
120
mA
OPTO Resistor
Connected to VDD
ROPTO_VDD
35.7
51
66.3
k
OPTO Resistor
Connected to GND
ROPTO_SINK
VDD = VOPTO = 2.5V
42
60
78
k
OPTO Sinking Current
Source
IOPTO_SINK
20
25
30
A
OPTO Pull-Low
Impedance
ROPTO_OL
OPTO shorted to GND
(
Disable/enable by register)
--
--
200
Current Sense Section
Current-Sense Voltage
Gain
KCS
30.4
32
33.6
V/V
Current-Sense Amplifier
Output Offset Voltage
VCS_OFFSET
0.36
0.4
0.44
V
Register-Programmable
Exit Green Mode
Threshold
VGREEN_EX
(VCS+ - VCS-) x KCS +
VCS_OFFSET
0
0.41
0.45
0.49
V
1
0.51
0.55
0.59
RT Section
RT Open Loop Voltage
VRT_OP
VDD = 5V, IRT_BIAS = 95A
3.6
4
4.4
V
Register-Programmable
RT Internal Bias Current
IRT_BIAS
VDD > 3V
0
95
100
105
A
1
18
20
22
RT Overvoltage
Protection Threshold
VRT_OVP
1. The blocking MOSFET can
be turned off or left on based
on the register setting
2. Send a flag to MCU
3. VDD > VVDD_IOOVP_EN
4. Disable/enable by register
4.6
4.85
5.1
V
Register-Programmable
RT Overvoltage
Protection Deglitch Time
tRT_OVP
(Note 6)
0
0.09
0.1
0.11
ms
1
0.9
1
1.1
GPIO1 (SDA), GPIO2 (SCL), and GPIO3 Section
GPIO1 Open-Loop
Voltage
VGP1_OP
VDD = 5V, IGP1_BIAS = 900A
3.2
3.6
4
V
GPIO2/GPIO3 Open-
Loop Voltage
VGP_OP
VDD = 5V, IGP_BIAS = 95A
3.6
4
4.4
V
Register-Programmable
GPIO1 Internal Bias
Current
IGP1_BIAS
VDD > 3V
900
1300
1700
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com