Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7204E Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT7204E
Description  High-Integration USB Multi-Protocol Controller with Rectification Detection
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7204E Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT7204E Datasheet HTML 1Page - Richtek Technology Corporation RT7204E Datasheet HTML 2Page - Richtek Technology Corporation RT7204E Datasheet HTML 3Page - Richtek Technology Corporation RT7204E Datasheet HTML 4Page - Richtek Technology Corporation RT7204E Datasheet HTML 5Page - Richtek Technology Corporation RT7204E Datasheet HTML 6Page - Richtek Technology Corporation RT7204E Datasheet HTML 7Page - Richtek Technology Corporation RT7204E Datasheet HTML 8Page - Richtek Technology Corporation RT7204E Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
F
RT7204E
Copyright © 2024 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
RT7204E_DS-00
May 2024
www.richtek.com
3
Table of Contents
1
General Description ................................................. 1
2
Applications .............................................................. 1
3
Features..................................................................... 1
4
Ordering Information................................................ 2
5
Marking Information ................................................. 2
6
Simplified Application Circuit.................................. 2
7
Pin Configuration ..................................................... 4
8
Functional Pin Description ...................................... 4
8.1
IO Type Definition............................................ 5
9
Functional Block Diagram ....................................... 6
10
Absolute Maximum Ratings..................................... 7
11
Recommended Operating Conditions .................... 7
12
Electrical Characteristics......................................... 7
13
Typical Application Circuit .................................... 14
14
Typical Operating Characteristics ........................ 16
15
Operation................................................................. 29
15.1
Power Structure............................................. 29
15.2
Constant Voltage and Constant Current
(CV/CC) Regulators ....................................... 29
15.3
Current Sense Amplifier ................................ 29
15.4
External Temperature Sensing ...................... 30
15.5
Interface of D+ and D- ................................... 30
15.6
Interface of CC1 and CC2 ............................. 31
15.7
Open-Drain Driver of The VBUS Pin ..............31
15.8
I2C Communication ........................................32
15.9
Rectification Detection ...................................32
16
Application Information..........................................33
16.1
Constant Voltage (CV) Loop ..........................33
16.2
Constant Current (CC) Loop ..........................33
16.3
Power-Up Sequence ......................................34
16.4
Output Voltage Rises and Falls......................35
16.5
Output Overvoltage Protection.......................36
16.6
Blocking N-MOSFET Control .........................37
16.7
VBUS Drop Protection ...................................38
16.8
Temperature Sensing and
Thermal Protection .........................................38
16.9
VIN Detection and LPS Protection ..................39
16.10 Thermal Considerations .................................39
17
Outline Dimension ..................................................40
18
Footprint Information..............................................41
19
Packing Information................................................42
19.1
Tape and Reel Data .......................................42
19.2
Tape and Reel Packing..................................43
19.3
Packing Material Anti-ESD Property ..............44
20
Datasheet Revision History....................................45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com