Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7204E Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT7204E
Description  High-Integration USB Multi-Protocol Controller with Rectification Detection
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7204E Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT7204E Datasheet HTML 4Page - Richtek Technology Corporation RT7204E Datasheet HTML 5Page - Richtek Technology Corporation RT7204E Datasheet HTML 6Page - Richtek Technology Corporation RT7204E Datasheet HTML 7Page - Richtek Technology Corporation RT7204E Datasheet HTML 8Page - Richtek Technology Corporation RT7204E Datasheet HTML 9Page - Richtek Technology Corporation RT7204E Datasheet HTML 10Page - Richtek Technology Corporation RT7204E Datasheet HTML 11Page - Richtek Technology Corporation RT7204E Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
RT7204E
F
Copyright © 2024 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
RT7204E_DS-00
May 2024
8
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VDD Green-Mode
Current
IDD_GREEN
VDD = 5V
--
750
1000
A
VDD Threshold of
Enable IO Pins
Overvoltage Protection
VVDD_IOOVP_EN
5.2
5.5
5.8
V
VDD Hysteresis of
Enable/Disable IO Pins
Overvoltage Protection
VVDD_IOOVP_HYS
0.2
0.3
0.4
V
Maximum VDD
Overvoltage Protection
Threshold
VVDD_MAX_OVP
23
24
25
V
Register-Programmable
Overvoltage Protection
Threshold
VVDD_OVP
With respect to VREF_CV
(Disable/enable by
register)
00
105
110
115
%
01
109.3
115
120.8
10
114
120
126
VDD Overvoltage
Protection Deglitch Time
tVDD_OVP
(
Note 6)
25
30
35
s
Register-Programmable
VDD Undervoltage
Protection Threshold
VVDD_UVP
With respect to
VREF_CV
(Disable/enable by
register)
0
85
90
95
%
1
80
85
90
VDD Undervoltage
Protection Deglitch Time
tVDD_UVP
(
Note 6)
25
30
35
s
Register-Programmable
VDD Discharge Current
IDD_DIS
VDD > 3V
00
42
60
78
mA
01
63
90
117
10
84
120
156
11
126
180
234
MCU Operating
Frequency
fOSC_MCU
VDD > 2.8V
10.26
10.8
11.34
MHz
Regulator Section
VDD Divider Resistor for
Feedback Loop
RFB
RFB = RFB1 + RFB2
RFB1: VDD to VFB
RFB2: VFB to GND
(
Note 6)
140
200
260
k
VDD Scaling Factor
KFB
KFB = (RFB1 + RFB2) / RFB2
9.9
10
10.1
--
Reference Voltage for
Standby CV Regulator
VREF_CV_STBY
0.485
0.5
0.515
V
Minimum Reference
Voltage for CV
Regulator
VREF_CV_MIN
With 11-bit digital to analog
converter
--
0.15
--
V
Maximum Reference
Voltage for CV
Regulator
VREF_CV_MAX
2.156
2.2
2.244
V
Minimum Reference
Voltage for CC
Regulator
VREF_CC_MIN
VDD > 3.3V
With 11-bit digital to analog
converter
--
0
--
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com