Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7204E Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT7204E
Description  High-Integration USB Multi-Protocol Controller with Rectification Detection
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7204E Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT7204E Datasheet HTML 7Page - Richtek Technology Corporation RT7204E Datasheet HTML 8Page - Richtek Technology Corporation RT7204E Datasheet HTML 9Page - Richtek Technology Corporation RT7204E Datasheet HTML 10Page - Richtek Technology Corporation RT7204E Datasheet HTML 11Page - Richtek Technology Corporation RT7204E Datasheet HTML 12Page - Richtek Technology Corporation RT7204E Datasheet HTML 13Page - Richtek Technology Corporation RT7204E Datasheet HTML 14Page - Richtek Technology Corporation RT7204E Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
F
RT7204E
Copyright © 2024 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
RT7204E_DS-00
May 2024
www.richtek.com
11
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
DP Comparison
Threshold for Cable
Attachment
VDP_CA
0.3
0.4
0.5
V
Register-Programmable
DP Cable Detection
Deglitch Time
tDP_CD
(
Note 6)
00
0.25
0.5
0.75
ms
01
0.75
1
1.25
10
1.75
2
2.25
11
3.75
4
4.25
DP/DM Overvoltage
Protection Threshold
VDPDM_OVP
1. The blocking MOSFET can
be turned off or left on based
on the register setting
2. Send a flag to MCU
3. VDD > VVDD_IOOVP_EN
4. Disable/enable by register
4.6
4.85
5.1
V
Register-Programmable
DP/DM Overvoltage
Protection Deglitch Time
tDPDM_OVP
(
Note 6)
0
0.09
0.1
0.11
ms
1
0.9
1
1.1
CC1 and CC2 Section
CC1/CC2 Output High
Voltage
VCC_OH
1.05
1.125
1.2
V
CC1/CC2 Output Low
Voltage
VCC_OL
0
0.0375
0.075
V
CC1/CC2 Input High
Threshold Voltage
VCC_IH
0.7
0.8
0.9
V
CC1/CC2 Input Low
Threshold Voltage
VCC_IL
0.5
0.6
0.7
V
Open Loop Voltage for
CC1/CC2 Sourcing
Current
VCC_OP
VDD > 5V
2.9
3.25
3.6
V
Register-Programmable
CC1/CC2 Sourcing
Current
ICC_SRC
VDD > 3V
01
72
80
88
A
10
169
180
191
11
304
330
356
CC1/CC2 Sourcing
Current for Rust
Protection
ICC_RUST
Disable/Enable by register
0.5
1
1.5
A
CC1/CC2 Comparison
Threshold for Cable
Detection
VCC_CD
1. VDD > 3V
2. Send a flag to MCU
3. Disable/Enable by register
2.5
2.6
2.7
V
CC1/CC2 Overvoltage
Protection Threshold
VCC_OVP
1. The blocking MOSFET can
be turned off or left on based
on the register setting
2. Send a flag to MCU
3. VDD > VVDD_IOOVP_EN
4. Disable/enable by register
4.6
4.85
5.1
V
Register-Programmable
CC1/CC2 Overvoltage
Protection Deglitch Time
tCC_OVP
(
Note 6)
0
0.09
0.1
0.11
ms
1
0.9
1
1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com