Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7204E Datasheet(PDF) 32 Page - Richtek Technology Corporation

Part # RT7204E
Description  High-Integration USB Multi-Protocol Controller with Rectification Detection
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7204E Datasheet(HTML) 32 Page - Richtek Technology Corporation

Back Button RT7204E Datasheet HTML 28Page - Richtek Technology Corporation RT7204E Datasheet HTML 29Page - Richtek Technology Corporation RT7204E Datasheet HTML 30Page - Richtek Technology Corporation RT7204E Datasheet HTML 31Page - Richtek Technology Corporation RT7204E Datasheet HTML 32Page - Richtek Technology Corporation RT7204E Datasheet HTML 33Page - Richtek Technology Corporation RT7204E Datasheet HTML 34Page - Richtek Technology Corporation RT7204E Datasheet HTML 35Page - Richtek Technology Corporation RT7204E Datasheet HTML 36Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
RT7204E
F
Copyright © 2024 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
RT7204E_DS-00
May 2024
32
15.8
I2C Communication
In multi-port applications, the RT7204E can share the output power through I2C communication by connecting
GPIO1 (SDA) and GPIO2 (SCL) to the other master controller, respectively.
15.9
Rectification Detection
The RT7204E provides the VTR pin to sense the transformer voltage, which is the drain voltage of the SR MOSFET,
as shown in Figure 6. By connecting the drain of SR MOSFET to the VTR pin through a divider resistor, the
RT7204E can keep the divided voltage of SR VDS plateau and read the internal peak holding voltage, VVTR_PH,
by ADC for VIN detection. With a proper setting of VTR blanking time, the RT7204E can distinguish between the
PWM switching and the DCM ringing to prevent false detection of the PWM switching state, which is used to
achieve LPS protection.
VTR
RVTR_L
VVTR_EDGE
RVTR_H
VDS_SR
VTR_OL
11-bit
ADC
MCU
VOUT
GND
tVTR_L_BLK
SR Controller
VIN Detection
PWM Switching Detection
VTR_I
Peak Holding Circuit
VVTR_PH
+
-
VTR_RST
Figure 6. Rectification Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com